Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCP0J475TRF Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TMCP0J475TRF
Description  Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCP0J475TRF Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TMCP0J475TRF Datasheet HTML 4Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 5Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 6Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 7Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 8Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 9Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 10Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 11Page - Vishay Siliconix TMCP0J475TRF Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Molded Guide
www.vishay.com
Vishay Polytech
Revision: 11-Apr-16
7
Document Number: 40218
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GUIDE TO APPLICATION
1.
AC Ripple Current: the maximum allowable ripple
current shall be determined from the formula:
where,
P =
power dissipation in W at +25 °C as given in
the tables in the product datasheets.
RESR = the capacitor equivalent series resistance at
the specified frequency.
2.
AC Ripple Voltage: the maximum allowable ripple
voltage shall be determined from the formula:
or, from the formula:
where,
P =
power dissipation in W at +25 °C as given in
the tables in the product datasheets.
RESR = The capacitor equivalent series resistance at
the specified frequency.
Z =
The capacitor impedance at the specified
frequency.
2.1
The tantalum capacitors must be used in such a
condition that the sum of the working voltage and
ripple voltage peak values does not exceed the rated
voltage as shown in figure below.
3.
Temperature
Derating:
power
dissipation
is
affected by the heat sinking capability of the
mounting surface. If
these capacitors
are to
be operated at temperatures above +25 °C, the
permissible ripple current (or voltage) shall be
calculated using the derating coefficient as shown in
the table below:
4.
Reverse Voltage: the capacitors are not intended for
use with reverse voltage applied. If the application of
an reverse voltage is unavoidable, it must not exceed
the following values:
At 25 °C: 10 % of the rated voltage or 1 V, whichever
is smaller.
At 85 °C: 5 % of the rated voltage or 0.5 V, whichever
is smaller.
5.
Mounting Precautions:
5.1
Limit Pressure on Capacitor Installation with
Mounter: pressure must not exceed 4.9 N with a tool
end diameter of 1.5 mm when applied to the
capacitors using an absorber, centering tweezers, or
similar (maximum permitted pressurization time: 5 s).
An excessively low absorber setting position would
result in not only the application of undue force to the
capacitors but capacitor and other component
scattering, circuit board wiring breakage, and / or
cracking as well, particularly when the capacitors are
mounted together with other chips having a height of
1 mm or less.
5.2
Flux Selection
5.2.1
Select a flux that contains a minimum of chlorine and
amine.
5.2.2
After flux use, the chlorine and amine in the flux
remain must be removed.
5.3
Cleaning After Mounting: the following solvents are
usable when cleaning the capacitors after mounting.
Never use a highly active solvent.
• Halogen organic solvent (HCFC225, etc.)
• Alcoholic solvent (IPA, ethanol, etc.)
• Petroleum solvent, alkali saponifying agent, water,
etc.
Circuit board cleaning must be conducted at a
temperature of not higher than 50 °C and for an
immersion time of not longer than 30 minutes. When
an ultrasonic cleaning method is used, cleaning must
be conducted at a frequency of 48 kHz or lower, at
an vibrator output of 0.02 W/cm3, at a temperature of
not higher than 40 °C, and for a time of 5 minutes or
shorter.
Notes
• Care must be exercised in cleaning process so that the
mounted capacitor will not come into contact with any
cleaned object or the like or will not get rubbed by a stiff
brush or similar. If such precautions are not taken
particularly when the ultrasonic cleaning method is
employed, terminal breakage may occur.
• When performing ultrasonic cleaning under conditions
other than stated above, conduct adequate advance
checkout.
MAXIMUM RIPPLE CURRENT TEMPERATURE
DERATING FACTOR
TEMPERATURE
TMC
NMC
 25 °C
1.0
1.0
85 °C
0.9
0.9
105 °C
0.65
0.4
125 °C
0.4
-
I
RM S
P
R
ESR
------------
=
V
RM S
Z
P
R
ESR
------------
=
V
RMS
I
RM S
x
Z
=
Rated voltage
Ripple voltage
Operating
voltage
Working voltage
Time (s)


Similar Part No. - TMCP0J475TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCP0E156 HOLYSTONECAPS-TMCP0E156 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP0E226 HOLYSTONECAPS-TMCP0E226 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP0E336 HOLYSTONECAPS-TMCP0E336 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP0E476 HOLYSTONECAPS-TMCP0E476 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP0G156 HOLYSTONECAPS-TMCP0G156 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCP0J475TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com