Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCTXB1C475TRF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TMCTXB1C475TRF
Description  Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCTXB1C475TRF Datasheet(HTML) 5 Page - Vishay Siliconix

  TMCTXB1C475TRF Datasheet HTML 1Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 2Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 3Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 4Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 5Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 6Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 7Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 8Page - Vishay Siliconix TMCTXB1C475TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TMCTX
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
5
Document Number: 40183
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified characteristics
in each stage
Specified
initial value
-55 °C
+85 °C
+125 °C
Capacitance
change
-
-10 % to 0 %
0 % to +10 %
0 % to +12 %
Dissipation
factor (%)
49
7
9
510
8
10
612
10
12
Leakage
current
(max.)
Not more
than 0.01 CV
or 0.5 μA
whichever is
greater
-
Not more
than 0.1 CV
or 5 μA
whichever is
greater
Not more
than 0.125 CV
or 6.25 μA
whichever is
greater
Solder heat
resistance
Solder dip:
B case
C, E, F case
Reflow 260 °C
260 °C ± 5 °C
10 s ± 1 s
5 s ± 0.5 s
10 s ± 1 s
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance
no load
Leave at 40 °C and 90 % to 95 % RH
for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
High
temperature
load
85 °C. The rated voltage is applied for
2000 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed 125 % of initial specified value
Thermal
shock
Leave at -55 °C, normal temperature,
125 °C, and normal temperature for
30 min, 3 min, 30 min, and 3 min.
Repeat this operation 20 times running
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance
load
Leave at 40 °C and 90 % to 95 % RH
The rated voltage is applied for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
Failure rate
85 °C. The rated voltage is applied
through a protective resistor of 1
/V
1 % / 1000 h


Similar Part No. - TMCTXB1C475TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCTXB1A106 HOLYSTONECAPS-TMCTXB1A106 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTXB1A475 HOLYSTONECAPS-TMCTXB1A475 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTXB1A685 HOLYSTONECAPS-TMCTXB1A685 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCTXB1C475TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com