Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH5E106M021G10R0 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TH5E106M021G10R0
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH5E106M021G10R0 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TH5E106M021G10R0 Datasheet HTML 3Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 4Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 5Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 6Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 7Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 8Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 9Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 10Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 19-Jul-17
1
Document Number: 40206
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TH5 Tantalum Capacitors
Note
• All measurements to be performed after 24 h conditioning at room temperature
Note
• All measurements to be performed after 24 h conditioning at room temperature
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
-55 °C to +200 °C
Category voltage
Category voltage is the same within entire temperature range and is equal to rated voltage
Capacitance tolerance
± 20 %, ± 10 %, tested via bridge method, at 25 °C, 120 Hz
Dissipation factor
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz
ESR
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz
Leakage current
After application of rated voltage applied to capacitors for 5 min using a steady source of power with 1 k
Ω
resistor in series with the capacitor under test, leakage current at 25 °C is not more than described in
Standard Ratings table. Note that the leakage current varies with temperature and applied voltage.
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Life test
500 h application of rated voltage at 200 °C
Capacitance change
Dissipation factor
ESR
Leakage current
-30 % / +10 % of initially specified value
Not to exceed 150 % of initial
Not to exceed 125 % of initial
Not to exceed 1 mA (at 200 °C)
Moisture
resistance
Cycled, 20 cycles, MIL-STD-202, method 106
Capacitance change
Dissipation factor
Leakage current
± 15 % of initially specified value
Not to exceed 150 % of initial
Not to exceed 200 % of initial
Surge voltage
85 °C, 1000 cycles at 1.3 rated voltage in series
with 33
Ω resistor, MIL-PRF-55365
Capacitance change
Dissipation factor
Leakage current
± 5 % of initially specified value
Initial specified value or less
Initial specified value or less
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Terminal strength /
Shear force test
Apply a pressure load of 17.7 N for 60 s
horizontally to the center of capacitor side body.
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Initial specified limit
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Vibration
MIL-STD-202, method 204, condition D,
10 Hz to 2000 Hz, 20 g peak
There shall be no mechanical or visual damage and the
components shall meet the original electrical requirements
Resistance
to solder heat
MIL-STD-202, method 210, condition K
Capacitance change
Dissipation factor
Leakage current
± 5 % of initially specified value
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Solderability
MIL-STD-202, method 208,
ANSI / J-STD-002, test B
Applies only to solder and tin plated terminations.
Does not apply to gold terminations.
All terminations shall exhibit a continuous solder coating free from
defects for a minimum of 95 % of the critical area of any individual
termination
Resistance
to solvents
MIL-STD-202, method 215
Marking has to remain legible, no degradation of encapsulation
material
Flammability
Encapsulation materials meet UL 94 V-0 with an
oxygen index of 32 %


Similar Part No. - TH5E106M021G10R0

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TH5E-020.0M CONNOR-WINFIELD-TH5E-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
More results

Similar Description - TH5E106M021G10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Revision: 20-Jun-17
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com