Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH5E106M021G10R0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TH5E106M021G10R0
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH5E106M021G10R0 Datasheet(HTML) 2 Page - Vishay Siliconix

  TH5E106M021G10R0 Datasheet HTML 1Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 2Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 3Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 4Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 5Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 6Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 7Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 8Page - Vishay Siliconix TH5E106M021G10R0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TH5
www.vishay.com
Vishay Sprague
Revision: 28-Sep-16
2
Document Number: 40146
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•ESR limit (in
) is shown in parenthesis.
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging: A, B, G, Q
Note
• TH5 series capacitors have been designed for, and tested at category voltage at +200 °C for 500 h.
As with all Tantalum capacitors, reliability and life time may be extended by application of lower voltage.
RATINGS AND CASE CODES
μF
5 V
8 V
21 V
24 V
4.7
E (2.50)
10
E (1.00, 0.50)
22
D (0.50), E (0.50)
100
E (0.25)
CONSTRUCTION AND MARKING
Marking:
Capacitor marking includes an anode (+) polarity band,
capacitance in microfarads and the voltage rating.
The Vishay identification is included if space permits. A
manufacturing date code is marked on all capacitors. Call
the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
TYPICAL DCL
AT +200 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS (A)
5 VDC AT +200 °C
100
E
TH5E107(1)005(2)0250
5.0
300
8
0.250
0.81
8 VDC AT +200 °C
22
D
TH5D226(1)008(2)0500
6.0
360
6
0.500
0.55
22
E
TH5E226(1)008(2)0500
6.0
360
6
0.500
0.57
21 VDC AT +200 °C
10
E
TH5E106(1)021(2)1000
2.1
120
6
1.000
0.41
10
E
TH5E106(1)021(2)0500
2.1
120
6
0.500
0.57
24 VDC AT +200 °C
4.7
E
TH5E475(1)024(2)2500
1.1
60
10
2.500
0.26
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
13" FULL REEL
7" FULL REEL
7" HALF REEL
7" PARTIAL REEL
D
2500
500
250
100
E
1500
400
200
100
Leadframe
Epoxy
encapsulation
Anode
polarity bar
Solderable
cathode
termination
Silver
adhesive
MnO
2 / carbon /
silver coating
Solderable anode
termination
Sintered
tantalum
2
10u21
B1
Date code
Vishay marking
Voltage
Capacitance
Polarity bar
Gold Termination
TH5 Standard Marking
Case Sizes “D” and “E”


Similar Part No. - TH5E106M021G10R0

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TH5E-020.0M CONNOR-WINFIELD-TH5E-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
More results

Similar Description - TH5E106M021G10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Revision: 20-Jun-17
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com