Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1717228802 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1717228802
Description  zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1717228802 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1717228802 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1717228802
Status:
Active
Overview:
zQSFP+® Interconnect System
Description:
zQuad Small Form Factor Pluggable Plus (zQSFP+) Stacked Integrated 2-by-1
Connector and Cage with Metal EMI Gasket, 76 Circuit, Gold (Au) Over Nickel Plated,
No Light Pipe
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
171722
Application
Board-to-Board, Module-to-Board, Wire-to-Board
Component Type
Receptacle
Overview
zQSFP+® Interconnect System
Product Name
zQSFP Plus, zQSFP+
Type
N/A
UPC
191128175272
Physical
Circuits (Loaded)
76
Color - Resin
Black
Durability (mating cycles max)
100
Lock to Mating Part
No
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
High Temperature Thermoplastic
Net Weight
30.842/g
Number of Rows
2
Orientation
Right Angle
PCB Retention
Yes
Packaging Type
Tray
Panel Mount
N/A
Pitch - Mating Interface
0.80mm
Plating min - Mating
0.762µm
Plating min - Termination
0.800µm
Polarized to Mating Part
N/A
Ports
2
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
Yes
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171722 Series
This document was generated on 11/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1717228802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1717221001 MOLEX1-1717221001 Datasheet
42Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221002 MOLEX1-1717221002 Datasheet
42Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221003 MOLEX1-1717221003 Datasheet
42Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221060 MOLEX1-1717221060 Datasheet
46Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221061 MOLEX1-1717221061 Datasheet
46Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
More results

Similar Description - 1717228802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715651001 MOLEX1-1715651001 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1715651003 MOLEX1-1715651003 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221061 MOLEX1-1717221061 Datasheet
46Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221002 MOLEX1-1717221002 Datasheet
42Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221060 MOLEX1-1717221060 Datasheet
46Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221001 MOLEX1-1717221001 Datasheet
42Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1715651002 MOLEX1-1715651002 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221003 MOLEX1-1717221003 Datasheet
42Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717221062 MOLEX1-1717221062 Datasheet
48Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-1
1717222062 MOLEX1-1717222062 Datasheet
50Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated 2-by-2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com