Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCUB1A226TRF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TMCUB1A226TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCUB1A226TRF Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TMCUB1A226TRF Datasheet HTML 2Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 3Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 4Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 5Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 6Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 7Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 8Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 9Page - Vishay Siliconix TMCUB1A226TRF Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TMCU
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
6
Document Number: 40180
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
Specified
initial
value
-55 °C
+85 °C
+125 °C
Capacitance change
-
-12 % to 0 % 0 % to 10 %
0 % to 12 %
Dissipation factor (%),
maximum
45
4
5
68
6
6
812
10
12
10
14
12
14
12
16
14
16
18
34
20
22
20
38
22
24
30
60
30
40
Leakage current
Refer to
Standard
Ratings
table
-
1000 %
specified
initial value
or less
1250 %
specified
initial value
or less
Solder heat
resistance
Solder Dip
260 °C ± 5 °C, 10 s ± 1 s
Reflow
260 °C, 10 s ± 1 s
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Initial specified value or less
Moisture
resistance
no load
Leave at 40 °C and 90 % to 95 % RH
for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Initial specified value or less
High
temperature
load
85 °C. The rated voltage is applied
for 2000 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 125 % of initial specified value
Thermal shock
Leave at -55 °C, normal temperature,
125 °C, and normal temperature for
30 min., 3 min, 30 min, and 3 min.
Repeat this operation 5 times running.
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Initial specified value or less
Moisture
resistance
load
Leave at 40 °C and 90 % to 95 % RH.
The rated voltage applied for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
Failure rate
85 °C. The rated voltage is applied
through a protective resistor of 1
/V.
1 % / 1000 h


Similar Part No. - TMCUB1A226TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCUB0E107 HOLYSTONECAPS-TMCUB0E107 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCUB0E157 HOLYSTONECAPS-TMCUB0E157 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCUB0E227 HOLYSTONECAPS-TMCUB0E227 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCUB0E336 HOLYSTONECAPS-TMCUB0E336 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCUB0E476 HOLYSTONECAPS-TMCUB0E476 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCUB1A226TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com