Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCHB1C475TRF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMCHB1C475TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCHB1C475TRF Datasheet(HTML) 4 Page - Vishay Siliconix

  TMCHB1C475TRF Datasheet HTML 1Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 2Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 3Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 4Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 5Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 6Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 7Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 8Page - Vishay Siliconix TMCHB1C475TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TMCH
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
4
Document Number: 40182
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz IRMS
(A)
4 VDC AT +85 °C; 2.5 VDC AT +125 °C
3.3
A
TMCHA0G335(1)TRF
0.25
6
4.0
0.14
4.7
A
TMCHA0G475(1)TRF
0.25
6
4.0
0.14
10
B
TMCHB0G106(1)TRF
0.25
6
1.7
0.24
15
B
TMCHB0G156(1)TRF
0.30
6
1.7
0.24
33
C
TMCHC0G336(1)TRF
0.66
6
1.1
0.30
47
C
TMCHC0G476(1)TRF
0.94
6
1.1
0.30
68
E
TMCHE0G686(1)TRF
1.36
6
0.6
0.45
100
E
TMCHE0G107(1)TRF
2.00
6
0.6
0.45
7 VDC (6.3 VDC) AT +85 °C; 4 VDC AT +125 °C
2.2
A
TMCHA0J225(1)TRF
0.25
6
4.4
0.13
3.3
A
TMCHA0J335(1)TRF
0.25
6
4.0
0.14
4.7
A
TMCHA0J475(1)TRF
0.25
6
4.0
0.14
6.8
P
TMCHP0J685(1)TRF
0.25
6
4.0
0.13
6.8
A
TMCHA0J685(1)TRF
0.25
6
4.0
0.14
6.8
B
TMCHB0J685(1)TRF
0.25
6
2.8
0.19
10
P
TMCHP0J106MTRF
0.31
8
5.3
0.11
10
B
TMCHB0J106(1)TRF
0.35
6
1.7
0.24
15
B
TMCHB0J156(1)TRF
0.52
6
1.7
0.24
22
B
TMCHB0J226(1)TRF
0.77
6
1.1
0.30
22
C
TMCHC0J226(1)TRF
0.77
6
1.1
0.30
33
C
TMCHC0J336(1)TRF
1.15
6
1.1
0.30
47
C
TMCHC0J476(1)TRF
1.64
6
1.1
0.30
47
E
TMCHE0J476(1)TRF
1.64
6
0.9
0.37
68
E
TMCHE0J686(1)TRF
2.38
6
0.6
0.45
100
E
TMCHE0J107(1)TRF
3.50
6
0.6
0.45
10 VDC AT +85 °C; 6.3 VDC AT +125 °C
1.5
P
TMCHP1A155(1)TRF
0.25
8
11.0
0.08
1.5
A
TMCHA1A155(1)TRF
0.25
6
6.6
0.11
2.2
P
TMCHP1A225(1)TRF
0.25
8
8.8
0.09
2.2
A
TMCHA1A225(1)TRF
0.25
6
4.4
0.13
3.3
P
TMCHP1A335(1)TRF
0.25
8
7.7
0.09
3.3
A
TMCHA1A335(1)TRF
0.25
6
4.0
0.14
4.7
P
TMCHP1A475MTRF
0.25
8
4.0
0.13
4.7
A
TMCHA1A475(1)TRF
0.25
6
4.0
0.14
4.7
B
TMCHB1A475(1)TRF
0.25
6
2.8
0.19
6.8
B
TMCHB1A685(1)TRF
0.34
6
2.8
0.19
10
A
TMCHA1A106(1)TRF
0.50
8
2.8
0.17
10
B
TMCHB1A106(1)TRF
0.50
6
1.7
0.24
15
B
TMCHB1A156(1)TRF
0.75
6
1.7
0.24
15
C
TMCHC1A156(1)TRF
0.75
6
2.2
0.21
22
B
TMCHB1A226(1)TRF
1.10
8
1.7
0.24
22
C
TMCHC1A226(1)TRF
1.10
6
1.7
0.24
33
C
TMCHC1A336(1)TRF
1.65
6
1.1
0.30
33
E
TMCHE1A336(1)TRF
1.65
6
0.9
0.37
47
C
TMCHC1A476(1)TRF
2.35
8
1.1
0.30
47
E
TMCHE1A476(1)TRF
2.35
6
0.9
0.37
68
C
TMCHC1A686MTRF
3.40
8
1.7
0.24
68
E
TMCHE1A686(1)TRF
3.40
8
0.6
0.45
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCHB1C475TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCHA1C105MTRF HOLYSTONECAPS-TMCHA1C105MTRF Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCHB1C475TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com