Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2502F Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # GBJ2502F
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ2502F Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  GBJ2502F Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ2502F Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ2502F Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ2502F Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBJ25005F THRU GBJ2510F
 
 
3 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B257
Rev.2.0, 18-Aug-15
www.21yangjie.com
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
■ Outline Dimensions
6KBJ
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
17.0
18.0
D
4.8
5.8
E
3.8
4.2
F
7.3
7.7
G
9.8
10.2
H
0.9
1.1
I
2.0
2.4
J
2.3
2.7
K
3.4
3.8
L
4.4
4.8
M
10.8
11.2
N
3.1
3.7
O
3.1
3.4
P
0.6
0.8
Dimensions in millimeters
+
~~
-
6KBJ
A
B
C
G
F
J
I
H
HOLE FOR NO.
6 SCREW
D
K
L
M
O
DIA
P
F
E
N


Similar Part No. - GBJ2502F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ2502 MCC-GBJ2502 Datasheet
633Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBJ2502 DIODES-GBJ2502 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
EIC discrete Semiconduc...
GBJ2502 EIC-GBJ2502 Datasheet
135Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 05 : August 20, 2012
logo
Micro Commercial Compon...
GBJ2502 MCC-GBJ2502 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
GBJ2502 CHENDA-GBJ2502 Datasheet
977Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBJ2502F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com