Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8R106K016ABB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TM8R106K016ABB
Description  Solid Tantalum Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106K016ABB Datasheet(HTML) 5 Page - Vishay Siliconix

  TM8R106K016ABB Datasheet HTML 1Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 2Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 3Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 4Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 5Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 6Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 7Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 8Page - Vishay Siliconix TM8R106K016ABB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TM8
www.vishay.com
Vishay Sprague
Revision: 09-Mar-17
5
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES AT +25 °C, IMPEDANCE AND ESR VS. FREQUENCY
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (PCS/REEL)
7" REEL
½ REEL
PARTIAL REEL
K
5000
2500
300
M
4000
2000
300
G
3000
1500
300
W
2500
1250
300
R
2500
1250
300
P
3000
1500
300
A
2000
1000
300
N
2500
1250
300
T
2500
1250
300
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 μF - 6 V
IMPEDANCE
ESR
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
4.7 μF - 10 V
IMPEDANCE
ESR
1
10
100
1000
10 000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
1 μF - 16 V
IMPEDANCE
ESR
1000.0
100.0
10.0
1.0
0.1
0.1
1
10
100
1000
FREQUENCY, kHz
4.7 μF - 25 V
IMPEDANCE
ESR
“P” Case


Similar Part No. - TM8R106K016ABB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106K016CBA VISHAY-TM8R106K016CBA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CBB VISHAY-TM8R106K016CBB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CSA VISHAY-TM8R106K016CSA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CSB VISHAY-TM8R106K016CSB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CZA VISHAY-TM8R106K016CZA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
More results

Similar Description - TM8R106K016ABB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com