Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCMA0J156TRF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMCMA0J156TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCMA0J156TRF Datasheet(HTML) 4 Page - Vishay Siliconix

  TMCMA0J156TRF Datasheet HTML 1Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 2Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 3Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 4Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 5Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 6Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 7Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 8Page - Vishay Siliconix TMCMA0J156TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
4
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4 VDC AT + 85 °C, 2.5 VDC AT +125 °C
4.7
A
TMCMA0G475(1)TRF
0.5
6
4.0
0.140
6.8
A
TMCMA0G685(1)TRF
0.5
6
4.0
0.140
10
A
TMCMA0G106(1)TRF
0.5
8
2.0
0.197
15
A
TMCMA0G156(1)TRF
0.6
8
2.9
0.164
15
B
TMCMB0G156(1)TRF
0.6
8
1.7
0.238
22
A
TMCMA0G226(1)TRF
0.9
8
1.8
0.208
22
B
TMCMB0G226(1)TRF
0.9
8
1.1
0.295
33
A
TMCMA0G336(1)TRF
1.3
8
2.0
0.197
33
B
TMCMB0G336(1)TRF
1.3
8
1.1
0.295
47
A
TMCMA0G476(1)TRF
1.9
12
2.0
0.197
47
B
TMCMB0G476(1)TRF
1.9
8
1.1
0.295
47
C
TMCMC0G476(1)TRF
1.9
8
1.1
0.302
68
A
TMCMA0G686(1)TRF
5.4
12
2.0
0.197
68
B
TMCMB0G686(1)TRF
2.7
8
1.1
0.295
68
C
TMCMC0G686(1)TRF
2.7
8
1.1
0.302
100
A
TMCMA0G107(1)TRF
8.0
30
1.1
0.266
100
B
TMCMB0G107(1)TRF
4.0
12
1.1
0.295
100
C
TMCMC0G107(1)TRF
4.0
8
1.1
0.302
100
E
TMCME0G107(1)TRF
4.0
8
0.6
0.447
150
A
TMCMA0G157(1)TRF
60.0
30
1.8
0.208
150
B
TMCMB0G157(1)TRF
6.0
18
1.1
0.295
150
C
TMCMC0G157(1)TRF
6.0
8
1.1
0.302
150
E
TMCME0G157(1)TRF
6.0
8
0.3
0.632
220
A
TMCMA0G227MTRF
88.0
30
1.8
0.208
220
B
TMCMB0G227(1)TRF
17.6
18
1.1
0.295
220
C
TMCMC0G227(1)TRF
8.8
12
1.1
0.302
220
E
TMCME0G227(1)TRF
8.8
8
0.3
0.632
330
B
TMCMB0G337MTRF
26.4
30
1.1
0.295
330
C
TMCMC0G337(1)TRF
13.2
18
1.1
0.302
330
E
TMCME0G337(1)TRF
13.2
10
0.3
0.632
470
E
TMCME0G477(1)TRF
18.8
16
0.2
0.775
6.3 VDC (7 VDC) AT + 85 °C, 4 VDC AT +125 °C
3.3
A
TMCMA0J335(1)TRF
0.5
6
4.0
0.140
4.7
A
TMCMA0J475(1)TRF
0.5
6
4.0
0.140
6.8
A
TMCMA0J685(1)TRF
0.5
6
4.0
0.140
10
A
TMCMA0J106(1)TRF
0.7
8
2.9
0.164
10
B
TMCMB0J106(1)TRF
0.7
8
1.7
0.238
15
A
TMCMA0J156(1)TRF
1.1
8
4.0
0.140
15
B
TMCMB0J156(1)TRF
1.1
8
1.7
0.238
22
A
TMCMA0J226(1)TRF
1.5
8
1.8
0.208
22
B
TMCMB0J226(1)TRF
1.5
8
1.1
0.295
33
A
TMCMA0J336(1)TRF
2.3
10
2.0
0.197
33
B
TMCMB0J336(1)TRF
2.3
8
1.1
0.295
33
C
TMCMC0J336(1)TRF
2.3
8
1.1
0.302
47
A
TMCMA0J476(1)TRF
5.9
12
1.8
0.208
47
B
TMCMB0J476(1)TRF
3.3
8
1.1
0.295
47
C
TMCMC0J476(1)TRF
3.3
8
1.1
0.302
68
A
TMCMA0J686(1)TRF
8.6
20
2.0
0.197
68
B
TMCMB0J686(1)TRF
4.8
10
1.1
0.295
68
C
TMCMC0J686(1)TRF
4.8
8
1.1
0.302
68
E
TMCME0J686(1)TRF
4.8
8
0.6
0.447
100
A
TMCMA0J107MTRF
31.5
30
1.8
0.208
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCMA0J156TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCMA0J106MTRF HOLYSTONECAPS-TMCMA0J106MTRF Datasheet
71Kb / 3P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCMA0J156TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com