Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1543M Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1543M
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1543M Datasheet HTML 5Page - Texas Instruments TLV1543M Datasheet HTML 6Page - Texas Instruments TLV1543M Datasheet HTML 7Page - Texas Instruments TLV1543M Datasheet HTML 8Page - Texas Instruments TLV1543M Datasheet HTML 9Page - Texas Instruments TLV1543M Datasheet HTML 10Page - Texas Instruments TLV1543M Datasheet HTML 11Page - Texas Instruments TLV1543M Datasheet HTML 12Page - Texas Instruments TLV1543M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
9
WWW.TI.COM
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 3 V to 5.5 V, I/O CLOCK frequency = 1.1 MHz for the TLV1543C, and TLV1543I
VCC = Vref+ = 3 V to 3.6 V, I/O CLOCK frequency = 2.1 MHz for the TLV1543M (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TLV1543C/TLV1543I
VCC = 3 V,
IOH = − 1.6 mA
2.4
V
VOH High-level output voltage
TLV1543C/TLV1543I
VCC = 3 V to 5.5 V, IOH = 20 µA
VCC −0.1
V
VOH High-level output voltage
TLV1543M
VCC = 3 V,
IOH = − 1.6 mA
2.4
V
TLV1543M
VCC = 3 V to 3.6 V, IOH = 20 µA
VCC −0.1
V
TLV1543C/TLV1543I
VCC = 3 V,
IOL = 1.6 mA
0.4
V
VOL Low-level output voltage
TLV1543C/TLV1543I
VCC = 3 V to 5.5 V, IOL = 20 µA
0.1
V
VOL Low-level output voltage
TLV1543M
VCC = 3 V,
IOL = 1.6 mA
0.4
V
TLV1543M
VCC = 3 V to 3.6 V, IOL = 20 µA
0.1
V
IOZ
Off-state (high-impedance-state) output current
VO = VCC,
CS at VCC
10
A
IOZ
Off-state (high-impedance-state) output current
VO = 0,
CS at VCC
−10
µA
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0
− 0.005
− 2.5
µA
ICC
Operating supply current
CS at 0 V
0.8
2.5
mA
Selected channel leakage current
Selected channel at VCC,
Unselected channel at 0 V
1
A
Selected channel leakage current
Selected channel at 0 V,
Unselected channel at VCC
−1
µA
Maximum static analog reference current into REF +
Vref + = VCC,
Vref − = GND
10
µA
Input capacitance, Analog
TLV1543C/TLV1543I
7
60
pF
Ci
Input capacitance, Analog
inputs
TLV1543M
7
60
pF
Ci
Input capacitance, Control
TLV1543C/TLV1543I
5
60
pF
Input capacitance, Control
inputs
TLV1543M
5
60
pF
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - TLV1543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543M TI-TLV1543M Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543M TI1-TLV1543M Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
TLV1543MFK TI-TLV1543MFK Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543MJ TI-TLV1543MJ Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLV1543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com