Electronic Components Datasheet Search |
|
TM8R106K016CZB Datasheet(PDF) 2 Page - Vishay Siliconix |
|
TM8R106K016CZB Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 18 page TM8 www.vishay.com Vishay Sprague Revision: 09-Mar-17 2 Document Number: 40133 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS in inches [millimeters] CASE CODE L W H P1 P2 (REF.) C K 0.045 ± 0.002 [1.14 ± 0.05] 0.026 ± 0.002 [0.66 ± 0.05] 0.024 max. [0.61 max.] 0.010 ± 0.004 [0.25 ± 0.1] 0.020 min. [0.51 min.] 0.015 ± 0.004 [0.38 ± 0.1] M 0.063 ± 0.006 [1.60 ± 0.15] 0.033 ± 0.006 [0.84 ± 0.15] 0.033 ± 0.006 [0.84 ± 0.15] 0.020 ± 0.004 [0.51 ± 0.1] 0.019 min. [0.48 min.] 0.024 ± 0.004 [0.61 ± 0.1] G 0.063 ± 0.006 [1.60 ± 0.15] 0.033 ± 0.006 [0.84 ± 0.15] 0.047 max. [1.2 max.] 0.020 ± 0.004 [0.51 ± 0.1] 0.019 min. [0.48 min.] 0.024 ± 0.004 [0.61 ± 0.1] W 0.081 ± 0.006 [2.06 ± 0.15] 0.053 ± 0.006 [1.35 ± 0.15] 0.047 max. [1.2 max.] 0.020 ± 0.004 [0.51 ± 0.1] 0.028 min. [0.71 min.] 0.035 ± 0.004 [0.90 ± 0.1] R 0.081 ± 0.006 [2.06 ± 0.15] 0.053 ± 0.006 [1.35 ± 0.15] 0.058 ± 0.004 [1.47 ± 0.10] 0.020 ± 0.004 [0.51 ± 0.1] 0.028 min. [0.71 min.] 0.035 ± 0.004 [0.90 ± 0.1] P 0.096 ± 0.006 [2.45 ± 0.15] 0.059 ± 0.006 [1.5 ± 0.15] 0.049 max. [1.25 max.] 0.020 ± 0.004 [0.51 ± 0.1] 0.043 min. [1.1 min.] 0.035 ± 0.004 [0.90 ± 0.1] A 0.126 ± 0.008 [3.2 ± 0.2] 0.063 ± 0.008 [1.6 ± 0.2] 0.071 max. [1.8 max.] 0.031 ± 0.004 [0.8 ± 0.1) 0.063 min. [1.60 min.] 0.047 ± 0.004 [1.2 ± 0.1] N 0.138 ± 0.004 [3.5 ± 0.1] 0.110 ± 0.004 [2.80 ± 0.1] 0.047 max. [1.2 max.] 0.0335 ± 0.004 [0.85 ± 0.1] 0.065 min. [1.65 min.] 0.094 ± 0.004 [2.4 ± 0.10] T 0.138 + 0.004 / - 0.008 [3.505 + 0.101 / - 0.203] 0.110 ± 0.004 [2.80 ± 0.10] 0.063 max. [1.57 max.] 0.031 + 0.004 / - 0.006 [0.80 + 0.1 / - 0.15] 0.088 ± 0.010 [2.24 ± 0.25] 0.091 + 0.009 / - 0.001 [2.3 + 0.23 / - 0.025] RATINGS AND CASE CODES μF 2 V 4 V 6.3 V 10 V 16 V 20 V 25 V 40 V 0.33 K 0.68 M 1.0 K K M M M / W R P 2.2 M M 3.3 M M / G R R 4.7 M M P 6.8 R R 7.5 W N 10 K M M R R / A A 15 M M / R R 22 A 33 P P 47 P P / T T L Anode Polarity Bar Anode Termination H W P1 C P2 P1 Cathode Termination |
Similar Part No. - TM8R106K016CZB |
|
Similar Description - TM8R106K016CZB |