Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCHB1E225TRF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCHB1E225TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCHB1E225TRF Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCHB1E225TRF Datasheet HTML 1Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 2Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 3Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 4Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 5Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 6Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 7Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 8Page - Vishay Siliconix TMCHB1E225TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TMCH
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40182
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• When the capacitance code is the same in the same case, use the voltage code for the higher rated voltage
(1) Marking on A case
(2) Marking on B case
RATINGS AND CASE CODES
μF
4 V
7 V (6.3 V)
10 V
16 V
20 V
25 V
35 V
0.10
A
0.15
A
0.22
A
0.33
P
A
0.47
P
A
A / B
0.68
P
A
A
A / B
1.0
P / A
A
A / B
1.5
P / A
A
A
B
B / C
2.2
A
P / A
A
A / B
B
B / C
3.3
A
A
P / A
A / B
B
B
B / C
4.7
A
A
P / A / B
A / B
B
B / C
C / E
6.8
P / A / B
B
B
B / C
C
C / E
10
B
P / B
A / B
B / C
C
C / E
E
15
B
B
B / C
C
C / E
E
E
22
B / C
B / C
B / C / E
E
E
33
C
C
C / E
C / E
E
47
C
C / E
C / E
C / E
68
E
E
C / E
100
E
E
MARKING
SIMPLIFIED VOLTAGE AND NOMINAL CAPACITANCE CODES, CASES A, B
μF
4 V
7 V (6.3 V)
10 V
16 V
20 V
25 V
35 V
0.10
104
0.15
154
0.22
224
0.33
N5
0.47
S5
VS5 (1)
S5 (2)
0.68
W5
EW5
VW5 (1)
W5 (2)
1.0
A6
DA6
VA6 (1)
A6 (2)
1.5
E6
CE6
DE6
E6
VE6
2.2
J6
AJ6
CJ6
DJ6 (1)
J6 (2)
EJ6
3.3
N6
JN6
AN6
CN6 (1)
N6 (2)
DN6
EN6
N6
4.7
GS6
JS6
AS6 (1)
S6 (2)
CS6
C6
ES6
GS6
JS6
6.8
JW6 (1)
W6 (2)
AW6
CW6
DW6
10
A7
JA7
AA7
A7
CA7
A7
15
GE7
JE7
AE7
22
JJ7
AJ7
CJ7
A6A
Simplified code of nominal
capacitance (A6: 1 μF)
Anode indication belt mark
A, B Case
Date code
A case, 16 V, 1 µF
(1)
A case, 20 V, 1 µF
(1)
DA6A
Simplified code of nominal
capacitance (A6: 1 μF)
Anode indication belt mark
Date code
Simplified code of rated
voltage (D: 20 V)


Similar Part No. - TMCHB1E225TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCHA1C105MTRF HOLYSTONECAPS-TMCHA1C105MTRF Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCHB1E225TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com