Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBLL4005 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GBLL4005
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBLL4005 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GBLL4005 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBLL4005 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBLL4005 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBLL4005 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBLL4005 THRU GBLL410
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B558
Rev. 1.0,10-Feb-17
www.21yangjie.com
Bridge Rectifiers
Features
UL recognition, file #E230084
● Thin single in-line package
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
Mechanical Data
Package: KBJ2
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GBLL4005 GBLL401
GBLL402
GBLL404
GBLL406
GBLL408
GBLL410
Device marking code
GBLL4005 GBLL401
GBLL402
GBLL404
GBLL406
GBLL408
GBLL410
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average Rectified Output Current
@60Hz sine wave, R-load, Ta =25℃
IO
A
4.0
Surge(non-repetitive)forward current
@60Hz half-sine wave, 1 cycle, Tj=25℃
IFSM
A
150
Current squared time
@1ms≤t≤8.3ms Tj=25℃,rating of per diode
I
2t
A
2S
93
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
■Electrical Characteristics(T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
GBLL4005 GBLL401 GBLL402 GBLL404 GBLL406 GBLL408 GBLL410
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=2A
0.92
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
10
COMPLIANT
RoHS
+
~
~
-


Similar Part No. - GBLL4005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBLL4005 SECOS-GBLL4005 Datasheet
256Kb / 2P
   4.0Amp Low VF Bridge Rectifiers
GBLL4005-C SECOS-GBLL4005-C Datasheet
256Kb / 2P
   4.0Amp Low VF Bridge Rectifiers
More results

Similar Description - GBLL4005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com