Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP304 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GBP304
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBP304 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBP304 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBP304 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBP304 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBP304 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBP3005 THRU GBP310
 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B219
Rev. 2.0, 19-Jun-15
www.21yangjie.com
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GBP3005-GBP310
B1
1.37
35
3500
7000
TUBE
GBP3005-GBP310
A1
1.37
500
500
5000
BOX
■ Characteristics (Typical)
`
1
0
2
5
10
20
50
100
20
sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
Number of Cycles
0
8.3ms
1cycle
8.3ms
40
60
80
100
120
140
0
0
0.5
Ambient Temperature
()
FIG1:Io-Tc Curve
160
40
80
120
1.0
1.5
2.0
2.5
3.0
With heatsink
sine wave R-load
with 30*30*1mm Cu
heatsink
heatsink
Tc-sensing point
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
Instantaneous Forward Voltage(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Percent of Rated Peak Reverse Voltage(%)
Tj=150
Tj=25
FIG4:Typical Reverse Characteristics


Similar Part No. - GBP304

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP304 PANJIT-GBP304 Datasheet
40Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
HY ELECTRONIC CORP.
GBP304 HY-GBP304 Datasheet
398Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
GBP304 PANJIT-GBP304 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
GBP304 FS-GBP304 Datasheet
463Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 3.0A
logo
CHENG-YI ELECTRONIC CO....
GBP304 CHENG-YI-GBP304 Datasheet
175Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - GBP304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com