Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC50005 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GBPC50005
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBPC50005 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBPC50005 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBPC50005 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
YANGZHOU YANGJIE SEMICONDUCTOR CO.,LTD.
S-C034
Rev.1.2,28-Apr-14
www.21yangjie.com
GBPC50005(W) THRU GBPC5010(W)
特性曲线(典型) Characteristics(Typical)
        
0
Tc(℃)
图1:Io-Tc曲线
FIG1:Io-Tc Curve
50
150
100
0
10
20
30
40
50
60
70
  
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
500
750
正弦波
sine wave
0
不重复
non-repetitive
Ta=25℃
FIG2:Surge Forward Current Capadility
Number of Cycles
250
 
 
 
       
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
 
 
 
 
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
Ta=25


Similar Part No. - GBPC50005

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC50005 TSC-GBPC50005 Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
GBPC50005 SAMYANG-GBPC50005 Datasheet
1Mb / 3P
   SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
GBPC50005 MIC-GBPC50005 Datasheet
48Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
logo
RFE international
GBPC50005 RFE-GBPC50005 Datasheet
984Kb / 3P
   Bridge Rectifiers
12-28-2022
logo
SeCoS Halbleitertechnol...
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
   50 AMP Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC50005

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com