Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCHB1V225TRF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TMCHB1V225TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCHB1V225TRF Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TMCHB1V225TRF Datasheet HTML 3Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 4Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 5Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 6Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 7Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 8Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 9Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 10Page - Vishay Siliconix TMCHB1V225TRF Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TMCH
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
7
Document Number: 40182
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
A, B, C, E cases
P case
Specified
initial value
-55 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Capacitance
change
-10 % to
0 %
0 % to
+10 %
0 % to
+12 %
-12 % to
0 %
0 % to
+10 %
0 % to
+12 %
Dissipation
factor (%)
44
5
5
6
6
7
7
10810
8
8
10
12
10
10
12
Leakage
current
Not more
than
0.005 CV
or 0.25 μA
whichever
is greater
-
Not more
than
0.05 CV
or 2.5 μA
whichever
is greater
Not more
than
0.062 CV
or 3.12 μA
whichever
is greater
-
Not more
than
0.05 CV
or 2.5 μA
whichever
is greater
Not more
than
0.062 CV
or 3.12 μA
whichever
is greater
Solder
heat
resistance
Solder dip: 260 °C ± 5 °C
P, A, B cases: 10 s ± 1 s
C, E cases: 5 s ± 0.5 s
Reflow 260 °C: 10 s ± 1 s
Capacitance change
Within ± 5 % of initial value
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial
specified value
Shall not exceed initial
specified value
Leakage current
Shall not exceed initial
specified value
Shall not exceed initial
specified value
Moisture
resistance
no load
Leave at 85 °C and 85 % RH
for 1000 h
Capacitance change
Within ± 5 % of initial value
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial
specified value
Shall not exceed 200 % of
initial specified value
Leakage current
Shall not exceed 200 % of initial
specified value
Shall not exceed 500 % of
initial specified value
High
temperature
load
85 °C. The rated voltage is
applied for 2000 h
Capacitance change
Within ± 20 % of initial value
Within ± 20 % of initial value
Dissipation factor
Shall not exceed initial
specified value
Shall not exceed initial
specified value
Leakage current
Shall not exceed 125 % of initial
specified value
Shall not exceed 125 % of
initial specified value
High
temperature
no load
150 °C with no load for
1000 h
Capacitance change
Within ± 20 % of initial value
Within ± 20 % of initial value
Dissipation factor
Shall not exceed 150 % of initial
specified value
Shall not exceed 200 % of
initial specified value
Leakage current
Shall not exceed 200 % of initial
specified value
Shall not exceed 500 % of
initial specified value
Thermal
shock
Leave at -55 °C, normal
temperature, 125 °C, and
normal temperature for
30 min., 3 min., 30 min., and
3 min. Repeat this operation
1000 times running.
Capacitance change
Within ± 5 % of initial value
Within ± 20 % of initial value
Dissipation factor
Shall not exceed initial
specified value
Shall not exceed initial
specified value
Leakage current
Shall not exceed 200 % of initial
specified value
Shall not exceed 200 % of
initial specified value
Moisture
resistance
load
Leave at 65 °C and 90 % to
95 % RH. The rated voltage
applied for 500 h
Capacitance change
Within ± 5 % of initial value
Within ± 12 % of initial value
Dissipation factor
Shall not exceed 150 % of initial
specified value
Shall not exceed 200 % of
initial specified value
Leakage current
Shall not exceed 200 % of initial
specified value
Shall not exceed 500 % of
initial specified value
Failure
rate
85 °C. The rated voltage is
applied through a protective
resistor of 1
/V.
0.5 % / 1000 h
0.5 % / 1000 h


Similar Part No. - TMCHB1V225TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCHA1C105MTRF HOLYSTONECAPS-TMCHA1C105MTRF Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCHB1V225TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com