Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC50-W08 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GBPC50-W08
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBPC50-W08 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GBPC50-W08 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBPC50-W08 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
YANGZHOU YANGJIE SEMICONDUCTOR CO.,LTD.
S-C034
Rev.1.2,28-Apr-14
www.21yangjie.com
GBPC50005(W) THRU GBPC5010(W)
桥式整流器 Bridge Rectifier
■特征 Features
■外形尺寸
Outline Dimensions and Mark
Io
50A
VRRM
50V~1000V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
用途 Applications
作一般电源单相桥式整流用
General purpose 1 phase Bridge
rectifier applications
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
GBPC50-(W)
005
01
02
04
06
08
10
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦波,
电阻负载
60Hz sine
wave, R-load
用散热器 Tc=55℃
With heatsink Tc=55℃
50
正向(不重复)浪涌电流
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
500
正向浪涌电流的平方对电流
浪涌持续时间的积分值
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃,单个二极管
1ms≤t<8.3ms Tj=25℃,Rating of per diode
1040
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55~+150
绝缘耐压
Dielectric Strength
Vdis
KV
端子与外壳之间外加交流电,一分钟
Terminals to case,AC 1 minute
2.5
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=25A, 脉冲测试,单个二极管的额定值
IFM=25A, Pulse measurement, Rating of per diode
1.1
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
10
热阻
Thermal Resistance
RθJ-C
℃/W
结和管壳之间,用散热片
Between junction and case, With heatsink
0.95
.033(0.85)
.029(0.75)
Hole for
No.10 Screw
.193"4.9diam.
1.13(28.8)
1.11(28.2)
1.134(28.8)
1.110(28.2)
.251(6.4)
.244(6.2)
.087(2.4)
.102(2.6)
DIA
1.13(28.8)
1.11(28.2)
1.134(28.8)
1.110(28.2)
Hole for
No.10 Screw
.193"4.9diam.
.488(12.4)
.409(10.4)
.681(17.3)
.602(15.3)
.598(15.2)
.519(13.2)
.681(17.3)
.602(15.3)
.751(19.1)
.673(17.1)
.751(19.1)
.673(17.1)
.751(19.1)
.673(17.1)
.322(8.2)
.299(7.6)
.322(8.2)
.299(7.6)
.748
(19)
MIN
.
1.181
(30)
MIN.
Dimensions in inches and (millimeters)
GBPC-W
GBPC
.0374(0.95)
.0413(1.05)
DIA
COMPLIANT
RoHS


Similar Part No. - GBPC50-W08

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GBPC50-W08 YANGJIE-GBPC50-W08 Datasheet
95Kb / 2P
   Bridge Rectifier
More results

Similar Description - GBPC50-W08

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com