Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCMC1A476TRF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TMCMC1A476TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCMC1A476TRF Datasheet(HTML) 5 Page - Vishay Siliconix

  TMCMC1A476TRF Datasheet HTML 1Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 2Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 3Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 4Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 5Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 6Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 7Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 8Page - Vishay Siliconix TMCMC1A476TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
5
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC (7 VDC) AT + 85 °C, 4 VDC AT +125 °C
100
B
TMCMB0J107(1)TRF
7.0
12
1.1
0.295
100
C
TMCMC0J107(1)TRF
7.0
8
1.1
0.302
100
E
TMCME0J107(1)TRF
7.0
8
0.6
0.447
150
B
TMCMB0J157(1)TRF
18.9
20
1.1
0.295
150
C
TMCMC0J157(1)TRF
10.5
10
1.1
0.302
150
E
TMCME0J157(1)TRF
10.5
8
0.3
0.632
220
B
TMCMB0J227MTRF
27.7
30
1.1
0.295
220
C
TMCMC0J227(1)TRF
15.4
18
1.1
0.302
220
E
TMCME0J227(1)TRF
15.4
10
0.3
0.632
330
C
TMCMC0J337MTRF
23.1
30
1.1
0.302
330
E
TMCME0J337(1)TRF
23.1
16
0.2
0.775
470
E
TMCME0J477(1)TRF
32.9
20
0.3
0.632
10 VDC AT + 85 °C, 6.3 VDC AT +125 °C
2.2
A
TMCMA1A225(1)TRF
0.5
6
4.4
0.133
3.3
A
TMCMA1A335(1)TRF
0.5
6
4.0
0.140
4.7
A
TMCMA1A475(1)TRF
0.5
6
4.0
0.140
6.8
A
TMCMA1A685(1)TRF
0.7
6
4.0
0.140
6.8
B
TMCMB1A685(1)TRF
0.7
6
2.8
0.185
10
A
TMCMA1A106(1)TRF
1.0
8
2.9
0.164
10
B
TMCMB1A106(1)TRF
1.0
8
1.7
0.238
15
A
TMCMA1A156(1)TRF
1.5
8
2.9
0.164
15
B
TMCMB1A156(1)TRF
1.5
8
1.7
0.238
22
A
TMCMA1A226(1)TRF
4.4
12
2.4
0.180
22
B
TMCMB1A226(1)TRF
2.2
8
1.1
0.295
22
C
TMCMC1A226(1)TRF
2.2
8
1.7
0.243
33
A
TMCMA1A336(1)TRF
6.6
18
2.0
0.197
33
B
TMCMB1A336(1)TRF
3.3
8
1.1
0.295
33
C
TMCMC1A336(1)TRF
3.3
8
1.1
0.302
47
A
TMCMA1A476MTRF
9.4
20
2.6
0.173
47
B
TMCMB1A476(1)TRF
4.7
10
1.1
0.295
47
C
TMCMC1A476(1)TRF
4.7
8
1.1
0.302
47
E
TMCME1A476(1)TRF
4.7
8
0.9
0.365
68
B
TMCMB1A686(1)TRF
6.8
18
1.1
0.295
68
C
TMCMC1A686(1)TRF
6.8
8
1.1
0.302
68
E
TMCME1A686(1)TRF
6.8
8
0.6
0.447
100
B
TMCMB1A107MTRF
20.0
30
1.7
0.238
100
C
TMCMC1A107(1)TRF
10.0
10
1.1
0.302
100
E
TMCME1A107(1)TRF
10.0
8
0.6
0.447
150
C
TMCMC1A157MTRF
15.0
18
1.1
0.302
150
E
TMCME1A157(1)TRF
15.0
8
0.3
0.632
220
E
TMCME1A227(1)TRF
22.0
12
0.2
0.775
330
E
TMCME1A337(1)TRF
33.0
30
0.3
0.632
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCMC1A476TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCMC1A476 ETC-TMCMC1A476 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCMC1A476TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com