Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCMB1A686TRF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TMCMB1A686TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCMB1A686TRF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TMCMB1A686TRF Datasheet HTML 4Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 5Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 6Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 7Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 8Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 9Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 10Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 11Page - Vishay Siliconix TMCMB1A686TRF Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
8
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.078
B
0.096
C
0.100
E
0.120
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
A
2000
B
2000
C
500
E
500
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
Specified
initial value
-55 °C
+85 °C
+125 °C
Capacitance
change
-
-10 % to 0 %
0 % to +10 %
0 % to +12 %
Dissipation
factor (%)
49
7
9
610
8
10
812
10
12
10
14
12
14
12
16
14
16
16
20
18
20
18
34
20
22
20
36
22
24
30
60
30
40
Leakage
current
Refer to
Standard
Ratings
table
-
1000 %
specified initial
value or less
1250 %
specified initial
value or less
Solder heat
resistance
Solder dip: 260 °C ± 5 °C
A, B case: 10 s ± 1 s
C, E case: 5 s ± 0.5 s
Reflow 260 °C, 10 s ± 1 s
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance
no load
Leave at 40 °C and
90 % to 95 % RH for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
High
temperature
load
85 °C. The rated voltage is
applied for 2000 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed 125 % of initial specified value
Thermal
shock
Leave at -55 °C, normal
temperature, 125 °C, and
normal temperature for 30 min,
3 min, 30 min, and 3 min. Repeat
this operation 5 times running
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance
load
Leave at 40 °C and 90 % to
95 % RH. The rated voltage
applied for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
Failure rate
85 °C. The rated voltage is
applied through a protective
resistor of 1
/V
1 %/1000 h


Similar Part No. - TMCMB1A686TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCMB1A226 ETC-TMCMB1A226 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCMB1A336 ETC-TMCMB1A336 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCMB1A476 ETC-TMCMB1A476 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCMB1A686TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com