Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8R106M016CBZ Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TM8R106M016CBZ
Description  Solid Tantalum Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106M016CBZ Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TM8R106M016CBZ Datasheet HTML 5Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 6Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 7Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 8Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 9Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 10Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 11Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 12Page - Vishay Siliconix TM8R106M016CBZ Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micro Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
3
Document Number: 40115
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLID TANTALUM CAPACITORS - LEADFRAMELESS MOLDED
SERIES
TL8
298D
298W
TR8
PRODUCT IMAGE
TYPE
Solid tantalum leadframeless molded chip capacitors
FEATURES
Small size including 0603 and 0402 foot print
Ultra low profile
Industrial grade
Industrial grade,
extended range
Low ESR
TEMPERATURE RANGE
Operating Temperature:
-55 °C to +125 °C
(above 40 °C, voltage
derating is required)
Operating Temperature:
-55 °C to +125 °C
(above 85 °C, voltage
derating is required)
Operating Temperature:
-55 °C to +125 °C
(above 40 °C, voltage
derating is required)
Operating Temperature:
-55 °C to +125 °C
(above 85 °C, voltage
derating is required)
CAPACITANCE RANGE
0.68 μF to 220 μF
0.33 μF to 220 μF
2.2 μF to 220 μF
1 μF to 220 μF
VOLTAGE RANGE
4 V to 25 V
2.5 V to 50 V
4 V to 16 V
2.5 V to 25 V
CAPACITANCE TOLERANCE
± 20 %, ± 10 %
DISSIPATION FACTOR
6 % to 80 %
6 % to 80 %
30 % to 80 %
6 % to 80 %
CASE CODES
W9, A0, B0
K, M, R, P, Q, A, S, B
K, M, Q
M, R, P, Q, A, B
TERMINATION
100 % tin
100 % tin or gold plated
SOLID TANTALUM CAPACITORS - LEADFRAMELESS MOLDED
SERIES
TP8
TM8
DLA 11020
T42
PRODUCT IMAGE
TYPE
Solid tantalum leadframeless molded chip capacitors
FEATURES
Small size including 0603 and 0402 foot print
Built in fuse,
double-stacked
High performance,
automotive grade
High reliability
High reliability,
DLA approved
High reliability,
ultra-low ESR
TEMPERATURE RANGE
Operating Temperature:
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE RANGE
1 μF to 100 μF
0.68 μF to 47 μF
1 μF to 47 μF
10 μF to 470 μF
VOLTAGE RANGE
6.3 V to 40 V
2 V to 40 V
6.3 V to 40 V
16 V to 75 V
CAPACITANCE TOLERANCE
± 20 %, ± 10 %
DISSIPATION FACTOR
6 % to 30 %
6 % to 20 %
6 % to 8 %
6 % to 15 %
CASE CODES
M, W, R, P, A, N, T, B
K, M, G, W, R, P, A, N, T
M, W, R, P, A, N, T
M2
TERMINATION
100 % tin
Tin / lead solder plated,
100 % tin and gold plated
Tin / lead solder plated
or gold plated
Tin / lead solder plated
or 100 % tin


Similar Part No. - TM8R106M016CBZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106M016CBA VISHAY-TM8R106M016CBA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106M016CBB VISHAY-TM8R106M016CBB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
More results

Similar Description - TM8R106M016CBZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com