Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8R106K016PSZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TM8R106K016PSZ
Description  Solid Tantalum Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TM8R106K016PSZ Datasheet(HTML) 2 Page - Vishay Siliconix

  TM8R106K016PSZ Datasheet HTML 1Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 2Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 3Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 4Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 5Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 6Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 7Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 8Page - Vishay Siliconix TM8R106K016PSZ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TM8
www.vishay.com
Vishay Sprague
Revision: 09-Mar-17
2
Document Number: 40133
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
CASE CODE
L
W
H
P1
P2 (REF.)
C
K
0.045 ± 0.002
[1.14 ± 0.05]
0.026 ± 0.002
[0.66 ± 0.05]
0.024 max.
[0.61 max.]
0.010 ± 0.004
[0.25 ± 0.1]
0.020 min.
[0.51 min.]
0.015 ± 0.004
[0.38 ± 0.1]
M
0.063 ± 0.006
[1.60 ± 0.15]
0.033 ± 0.006
[0.84 ± 0.15]
0.033 ± 0.006
[0.84 ± 0.15]
0.020 ± 0.004
[0.51 ± 0.1]
0.019 min.
[0.48 min.]
0.024 ± 0.004
[0.61 ± 0.1]
G
0.063 ± 0.006
[1.60 ± 0.15]
0.033 ± 0.006
[0.84 ± 0.15]
0.047 max.
[1.2 max.]
0.020 ± 0.004
[0.51 ± 0.1]
0.019 min.
[0.48 min.]
0.024 ± 0.004
[0.61 ± 0.1]
W
0.081 ± 0.006
[2.06 ± 0.15]
0.053 ± 0.006
[1.35 ± 0.15]
0.047 max.
[1.2 max.]
0.020 ± 0.004
[0.51 ± 0.1]
0.028 min.
[0.71 min.]
0.035 ± 0.004
[0.90 ± 0.1]
R
0.081 ± 0.006
[2.06 ± 0.15]
0.053 ± 0.006
[1.35 ± 0.15]
0.058 ± 0.004
[1.47 ± 0.10]
0.020 ± 0.004
[0.51 ± 0.1]
0.028 min.
[0.71 min.]
0.035 ± 0.004
[0.90 ± 0.1]
P
0.096 ± 0.006
[2.45 ± 0.15]
0.059 ± 0.006
[1.5 ± 0.15]
0.049 max.
[1.25 max.]
0.020 ± 0.004
[0.51 ± 0.1]
0.043 min.
[1.1 min.]
0.035 ± 0.004
[0.90 ± 0.1]
A
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.071 max.
[1.8 max.]
0.031 ± 0.004
[0.8 ± 0.1)
0.063 min.
[1.60 min.]
0.047 ± 0.004
[1.2 ± 0.1]
N
0.138 ± 0.004
[3.5 ± 0.1]
0.110 ± 0.004
[2.80 ± 0.1]
0.047 max.
[1.2 max.]
0.0335 ± 0.004
[0.85 ± 0.1]
0.065 min.
[1.65 min.]
0.094 ± 0.004
[2.4 ± 0.10]
T
0.138 + 0.004 / - 0.008
[3.505 + 0.101 / - 0.203]
0.110 ± 0.004
[2.80 ± 0.10]
0.063 max.
[1.57 max.]
0.031 + 0.004 / - 0.006
[0.80 + 0.1 / - 0.15]
0.088 ± 0.010
[2.24 ± 0.25]
0.091 + 0.009 / - 0.001
[2.3 + 0.23 / - 0.025]
RATINGS AND CASE CODES
μF
2 V
4 V
6.3 V
10 V
16 V
20 V
25 V
40 V
0.33
K
0.68
M
1.0
K
K
M
M
M / W
R
P
2.2
M
M
3.3
M
M / G
R
R
4.7
M
M
P
6.8
R
R
7.5
W
N
10
K
M
M
R
R / A
A
15
M
M / R
R
22
A
33
P
P
47
P
P / T
T
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination


Similar Part No. - TM8R106K016PSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8R106K016CBA VISHAY-TM8R106K016CBA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CBB VISHAY-TM8R106K016CBB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CSA VISHAY-TM8R106K016CSA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CSB VISHAY-TM8R106K016CSB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8R106K016CZA VISHAY-TM8R106K016CZA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
More results

Similar Description - TM8R106K016PSZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com