Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC450-1T05G Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # ABC450-1T05G
Description  ITE Safety Agency Approvals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450-1T05G Datasheet(HTML) 9 Page - Bel Fuse Inc.

  ABC450-1T05G Datasheet HTML 1Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 2Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 3Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 4Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 5Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 6Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 7Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 8Page - Bel Fuse Inc. ABC450-1T05G Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ABC450 Series
9
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00326_AG
During the installation and setup of parallel supplies in a system it is important that a single remote sense point be used for all
the supplies.
The remote sense voltage between the supplies must be adjusted to within 2% to ensure the supplies are inside the 3% capture
window.
If the supplies are not initially adjusted inside the capture window the supplies will not current share.
NOTE:
“CURRENT SHARING “ facility is inclusive with the unit only with ordering of the “ CURRENT SHARING “ option unit i.e.
ABC450-1XXX-I or ABC450-1XXX-I.
SET-UP PROCEDURE:
1
Connect load cables to the outputs of each supply.
2
Connect the remote sense lines to the load in twisted style. (A common remote sense point must be used for all the
supplies in parallel).
3
Connect all the “current share” pins on the J3 connector between the supplies.
4
Adjust remote sense voltage of each supply to within 1% of rated output voltage or readjust to required set point.
(Adjustment to be done with all other parallel supplies off).
5
Current sharing between the supplies can be verified by monitoring the output current of each supply with a hall effect DC
current probe. The supplies should share to within 10% of the total load current.
6
The current share circuit has a capture window voltage of +/- 3% of the rated output voltage. If the output remote sense
voltage of one of the supplies is adjusted outside the 3% window the supplies will not current share.
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - ABC450-1T05G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
   These power supplies are ideal for telecom
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 10P
   450 W (with airflow), 300 W (without airflow)
More results

Similar Description - ABC450-1T05G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC300 BEL-ABC300 Datasheet
1Mb / 6P
   ITE Safety Agency Approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
   Medical and ITE safety approvals
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
ETA-USA
ZMP250-SX-F-WO ETA-USA-ZMP250-SX-F-WO Datasheet
1Mb / 3P
   250W AC/DC ITE & Medical Dual Safety Approvals
ZMP400 ETA-USA-ZMP400 Datasheet
1Mb / 3P
   400W AC/DC ITE & Medical Dual Safety Approvals
2014
logo
FSP TECHNOLOGY INC.
FSP042-1K40M1 FSP-FSP042-1K40M1 Datasheet
142Kb / 1P
   Medical and ITE approvals
FSP042-3K13M1 FSP-FSP042-3K13M1 Datasheet
143Kb / 1P
   Medical and ITE approvals
FSP042-3K20M1 FSP-FSP042-3K20M1 Datasheet
115Kb / 1P
   Medical and ITE approvals
FSP100-1K70M1 FSP-FSP100-1K70M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com