Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC120 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDC120
Description  Extremely compact size
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDC120 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDC120 Datasheet HTML 1Page - Bel Fuse Inc. LDC120 Datasheet HTML 2Page - Bel Fuse Inc. LDC120 Datasheet HTML 3Page - Bel Fuse Inc. LDC120 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDC120 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00683_AB
Status Signals
DC OK - green LED
OVERLOAD - red LED
DC OK - dry contact (NO, 24 VDC / 1 A)
Parallel Connection2
Possible for power or redundancy (with external ORing
module)
P (models) - include internal ORing circuit
Efficiency
LDC120-24 / LDC120-48
LDC120-24P / LDC120-48P
> 90%
> 89%
Dissipated Power
LDC120-24 / LDC120-48
LDC120-24P / LDC120-48P
< 13.5 W
< 15 W
1
Ripple and Noise are measured with 20MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
2
Pay attention, set the current limitation mode jumper on C.C. mode when connecting more units in parallel.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Operating Temperature
UL certified up to 60°C
(Start-up type tested: - 35°C)3
- 35° to + 70°C
Storage Temperature
- 40° to + 80°C
Derating
- 1.2 W / °C over 60°C
Humidity
Non condensing
5 - 95% RH
Life Time Expectancy
At 25°C ambient, full load
74640 h (8.5 years)
Overvoltage Category
Pollution Degree
III (EN50178)
2 (IEC60664-1)
Protection Class
Class I
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
4.2 kVDC
2.2 kVDC
0.75 kVDC
Safety Standards & Approvals
UL508 (certified)
EN60950 (reference)
EN50178 (reference)
EMC Standards
Emission
EN55011 (CISPR11)
EN55022 (CISPR22)
EN61000-3-2
Class B
Class B
Class A
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-11
Level 3
Level 3
Level 3
Level 3
Level 2
Protection Degree
EN60529
IP20
Vibration Sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2 g 2 Hours / axis (X,Y,Z)
Shock
IEC 60068-2-27
30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total
3
Possible with load derating.
Weight
450 g
Dimensions (W x H x D)
35 x 103 x 104 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Screw type pluggable (24 - 12 AWG)
2.5 mm²
Case Material
Aluminum


Similar Part No. - LDC120

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LDC12-18-R70 TDK-LDC12-18-R70 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDC12-18-R70 TDK-LDC12-18-R70 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDC12-18-R70 TDK-LDC12-18-R70 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDC12-36-R35 TDK-LDC12-36-R35 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDC12-36-R35 TDK-LDC12-36-R35 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
More results

Similar Description - LDC120

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-5S LEIDITECH-2R1000-5S Datasheet
393Kb / 3P
   Extremely small size Extremely fast response time
3R090-5S LEIDITECH-3R090-5S Datasheet
1Mb / 4P
   Extremely small size Extremely fast response time
SMD5050-090I LEIDITECH-SMD5050-090I Datasheet
314Kb / 3P
   Extremely small size Extremely fast response time
2R600-5S LEIDITECH-2R600-5S Datasheet
397Kb / 3P
   Extremely small size Extremely fast response time
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
logo
Shanghai Leiditech Elec...
SMD5050-420 LEIDITECH-SMD5050-420 Datasheet
408Kb / 4P
   Extremely small size Excellent SMD handing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com