Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC41-1058L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC41-1058L
Description  PCB Mount option available
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC41-1058L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC41-1058L Datasheet HTML 1Page - Bel Fuse Inc. ABC41-1058L Datasheet HTML 2Page - Bel Fuse Inc. ABC41-1058L Datasheet HTML 3Page - Bel Fuse Inc. ABC41-1058L Datasheet HTML 4Page - Bel Fuse Inc. ABC41-1058L Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ABC41 Series
tech.support@psbel.com
Isolation Voltage
Input to Output:
4242 VDC
Safety Standard(s)
Approved to the latest edition of the following standards:
CSA/UL60950-1, EN60950-1 and IEC60950-1. Class1 SELV
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
AC Input Connector
J1
Screw Terminal /
Header
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Tyco: 640445-3
Mating: 647402-3; Pins: 3-647409-1
(Header)
DC Output Connector
J2
Screw Terminal /
Header
Pin 1, 2
Pin 3, 4
V1 +VE
V1 -VE
Tyco: 640445-4
Mating: 647402-4; Pins: 3-647409-1
Weight
approx. 100 g
Dimensions
76.2 x 50.8 x 19.05 mm (3 x 2 x 0.75 inches)
Figure 1. Derating Curve for all Outputs
De-rate linearly from 100% at 50°C to 50% at 70°C
%


Similar Part No. - ABC41-1058L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC41-1058L BEL-ABC41-1058L Datasheet
912Kb / 7P
   3 x 2 x 0.75 Inch Form factor PCB Mount option available
More results

Similar Description - ABC41-1058L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC41 BEL-ABC41_V01 Datasheet
912Kb / 7P
   3 x 2 x 0.75 Inch Form factor PCB Mount option available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
   Lead-free Option Available
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
   Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
   Lead-free Option Available
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
   Halogen-free Option Available
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
   Lead-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
MGA-83563 AVAGO-MGA-83563 Datasheet
325Kb / 22P
   Lead-free Option Available
logo
Aries Electronics, Inc.
505 ARIES-505 Datasheet
619Kb / 1P
   Pin polarization option also available
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com