Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC240-36 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDC240-36
Description  Active PFC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDC240-36 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDC240-36 Datasheet HTML 1Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 2Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 3Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 4Page - Bel Fuse Inc. LDC240-36 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDC240 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00756_AB
Continuous Current
LDC240-12
LDC240-24
LDC240-36
LDC240-48
LDC240-72
15 A
10 A
7.5 A
5 A
3.3 A
Overload Limit (Constant Current Mode)
LDC240-12
LDC240-24
LDC240-36
LDC240-48
LDC240-72
17 A
11 A
8.5 A
7 A
4 A
Overload Limit (Hiccup mode) (max. 5 s)
LDC240-12
LDC240-24
LDC240-36
LDC240-48
LDC240-72
20 A
15 A
10 A
8.5 A
5.5 A
Load Regulation
LDC240-12
LDC240-24 / LDC240-36 / LDC240-48 / LDC240-72
≤ 2%
≤ 1%
Ripple & Noise1
LDC240-12
LDC240-24 / LDC240-36
LDC240-48
LDC240-72
≤ 160 mVpp
≤ 260 mVpp
≤ 400 mVpp
≤ 550 mVpp
Hold up Time
LDC240-12
LDC240-24 / LDC240-36 / LDC240-48
LDC240-72
≥ 25 ms
≥ 20 ms
≥ 15 ms
Protections
Overload, short circuit, with constant current
Thermal protection
Input undervoltage lockout
Output overvoltage
Output Over Voltage Protection
LDC240-12
LDC240-24
LDC240-36
LDC240-48
LDC240-72
≥ 18 VDC
33 VDC
45 VDC
68 VDC
100 VDC
Status Signals
DC OK - green LED
OVERLOAD - red LED
DC OK - dry contact (NO, 24 VDC / 1 A)
Parallel Connection2
Possible for power or redundancy (with external ORing module)
P (models) - include internal ORing circuit
Efficiency
LDC240-12
LDC240-24 / LDC240-36
LDC240-48 / LDC240-72
> 90%
> 93%
> 93.5%
Dissipated Power
LDC240-12
LDC240-24 / LDC240-36
LDC240-48 / LDC240-72
< 25 W
< 19 W
< 17 W
1
Ripple and Noise are measured with 20MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
2
Pay attention, set the current limitation mode jumper on C.C. mode when connecting more units in parallel.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Operating Temperature
UL certificated up to 70°C
(Start-up type tested: - 40°C)3
- 40° to + 70°C
Storage Temperature
- 40° to + 80°C
Derating
No derating
Humidity
Non condensing
5 - 95% RH
Life Time Expectancy
At 25°C ambient, full load
221288 h (25.2 years)
Overvoltage Category
Pollution Degree
III (EN50178)
2 (IEC60664-1)
Protection Class
Class I
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
4.2 kVDC
2.2 kVDC
0.75 kVDC


Similar Part No. - LDC240-36

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDC240-12 BEL-LDC240-12 Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-12P BEL-LDC240-12P Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-24 BEL-LDC240-24 Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-24P BEL-LDC240-24P Datasheet
425Kb / 5P
   High efficiency and very compact size
LDC240-48 BEL-LDC240-48 Datasheet
425Kb / 5P
   High efficiency and very compact size
More results

Similar Description - LDC240-36

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDC480 BEL-LDC480 Datasheet
598Kb / 4P
   Active PFC
logo
Recom International Pow...
RACG100 RECOM-RACG100 Datasheet
452Kb / 4P
   built in active PFC
RACG150 RECOM-RACG150 Datasheet
451Kb / 4P
   Built-in Active PFC
RCOB-A RECOM-RCOB-A Datasheet
495Kb / 5P
   Dimmable Active PFC Single Output
logo
ADTech
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
logo
STMicroelectronics
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
   Electronic ballast with active PFC using
logo
SynQor Worldwide Headqu...
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP500-702UH SPI-FSP500-702UH_14 Datasheet
167Kb / 10P
   Active PFC Circuit / Full Range Input
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com