Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP40-3000G Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # MAP40-3000G
Description  RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP40-3000G Datasheet(HTML) 6 Page - Bel Fuse Inc.

  MAP40-3000G Datasheet HTML 1Page - Bel Fuse Inc. MAP40-3000G Datasheet HTML 2Page - Bel Fuse Inc. MAP40-3000G Datasheet HTML 3Page - Bel Fuse Inc. MAP40-3000G Datasheet HTML 4Page - Bel Fuse Inc. MAP40-3000G Datasheet HTML 5Page - Bel Fuse Inc. MAP40-3000G Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
MAP30/40/42 Series
tech.support@psbel.com
SINGLE OUTPUT MODELS
MULTIPLE OUTPUT MODELS
Model
Height
Model
Height
MAP30-1005G
1.16" (29.5)
MAP40-3000G
1.16" (29.5)
MAP42-1005
1.25" (31.8)
MAP40-3003G
1.16" (29.5)
MAP42-1012G
1.25" (31.8)
MAP40-3100G
1.25" (31.8)
MAP42-1024G
1.25" (31.8)
MAP40-3101G
1.25" (31.8)
MAP40-3105G
1.25" (31.8)
MAP40-3500G
1.60" (40.6)
Table 1. MAP30/40/42 Series Height
.
.
Figure 1. Mechanical Drawing
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - MAP40-3000G

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP40-3000 POWER-ONE-MAP40-3000 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
MAP40-3000 POWER-ONE-MAP40-3000 Datasheet
88Kb / 5P
   power supplies combines low cost and universal input
More results

Similar Description - MAP40-3000G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com