Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX15-0503-8RG Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 20IMX15-0503-8RG
Description  15 Watt DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX15-0503-8RG Datasheet(HTML) 5 Page - Bel Fuse Inc.

  20IMX15-0503-8RG Datasheet HTML 1Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 2Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 3Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 4Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 5Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 6Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 7Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 8Page - Bel Fuse Inc. 20IMX15-0503-8RG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 5 of 19
MELCHER
The Power Partners.
Table 2a: Input data of IMX15 and IMY15 models
Input
20IMX
40IMX
110IMY
Unit
Characteristics
Conditions
min
typ
max min
typ
max
min
typ
max
Vi
Input voltage range 1
TA min – TA max
9 5, 7
36 16.8 5, 6
75
50 5
150 8
V
Vi nom
Nominal input voltage
Io = 0 – Io nom
20
40
110
Vi sur
Repetitive surge voltage
Abs. max input (3 s)
40
100
168
tstartup
Converter
Switch on
Worst case condition at
0.25
0.5
0.25
0.5
0.5
0.8
s
start-up time 2
SD high
Vi min, Io = Io nom
0.1
0.1
0.1
t rise
Rise time 2
Vi nom, resistive load
5
5
5
ms
Io nom, capac. load
10
20
10
20
10
20
Ii o
No-load input current
Io = 0, Vi min – Vi max
65
45
15
mA
I irr
Reflected ripple current
Io = 0 – Io nom
30
30
20
mApp
Iinr p
Inrush peak current 3
Vi = Vi nom
89
10
A
C i
Input capacitance
for surge calculation
1.5
0.75
0.35
µF
VSD
Shut-down voltage
Converter disabled
–10 to 0.7
–10 to 0.7
–10 to 0.7
V
Converter operating
open or 2 – 20
open or 2 – 20
open or 2 – 20
RSD
Shut-down input resistance
approx. 10
approx. 10
approx. 10
k
ISD
Input current, when
Vi min – Vi max
10
3
1
mA
disabled
SD connected to Vi–
fs
Switching frequency
Vi min – Vi max,
approx. 300
approx. 300
approx. 300
kHz
Io = 0 – Io nom
Vi RFI
Input RFI level conducted
EN 55032 4
AA
A
1
If Vo is set above Vo nom by use of the R or Trim input, Vi min will be proportionately increased.
2
Measured with resistive and max. admissible capacitive load. Valid for models with rev. AI or greater.
3
Source impedance according to ETS 300132-2, version 4.3.
4
Measured with a ceramic capacitor Ci directly across input; output lead length 0.1 m, leads twisted. Double-output models with both
outputs in parallel. Ci is specified in table 11.
5
Input undervoltage lockout at typ. 80% of Vi min.
6
Short time operation down to Vi min >14.4 V possible. Po reduced to approx. 85% of Po nom.
7
Initial start-up at Vi = 9 V, main output voltage regulation down to 8.4 V
8
Short time operation up to 154 V possible for 2 s.
Electrical Input Data
General conditions:
–TA = 25 °C, unless TC is specified.
– Shut-down pin left open-circuit.
– Trim or R input left open-circuit.


Similar Part No. - 20IMX15-0503-8RG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX15-0503-9R POWER-ONE-20IMX15-0503-9R Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
20IMX15-0503-9R POWER-ONE-20IMX15-0503-9R Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 20IMX15-0503-8RG

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com