Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40IMX7-05-05-8 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 40IMX7-05-05-8
Description  7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

40IMX7-05-05-8 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 40IMX7-05-05-8 Datasheet HTML 6Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 7Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 8Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 9Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 10Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 11Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 12Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 13Page - Bel Fuse Inc. 40IMX7-05-05-8 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 10 of 14
MELCHER
The Power Partners.
Fig. 12
Output voltage adjust for single-output models
Single-output models with R-input:
The R-input (pin 13) is referenced to the secondary side of the
converter. Adjustment of the output voltage is possible by
means of either an external resistor or a voltage source.
Trim
Vo1+
Vo2–
+
V
ext
Vi+
Vi–
R
ext
Vo1–
Vo2+
06089a
Control
circuit
V
ref 2.5 V
Fig. 13
Output voltage adjust for double-output models
Double-output models with Trim input:
The Trim input (pin 4) of double-output models is referenced to
the primary side. Figure 13 shows the circuitry. Adjustment of
the output voltage is possible in the range of 100 to 105% of Vo
nom using an external resistor, or in the range of 75 to 105 % of
Vo nom using an external voltage source.
a) Adjustment by means of an external resistor Rext.
Programming of the output voltage by means of an
external resistor Rext1 is possible within a limited range of
b) Adjustment by means of an external voltage source Vext.
For external output voltages in the range of 75 to 105% of
Vo nom a voltage source Vext (0 to 20 V) is required,
connected to the Trim-input (pin 4) and Vi–. The table
below indicates typical Vo versus Vext values under
nominal conditions (Vi nom, Io = 0.5 Io nom), with paralleled
outputs or equal load conditions on each output. Direct
paralleling of the Trim-inputs of converters connected in
parallel is feasible.
100 to 105% Vo nom. Rext should be connected between pin
4 and Vi –. The following table indicates suitable resistor
values
for
typical
output
voltages
under
nominal
conditions (Vi nom, Io = 0.5 Io nom), with paralleled outputs or
equal load conditions on each output.
Caution: Connection of Rext to Vi+ may damage the converter.
R
Vo+
Vo–
+
V
ext
4 k
V
ref = 2.5 V
Control
logic
R
ext1
R
ext 2
06029e
Vi–
Vi+
+
a) Adjustment by means of an external resistor:
Depending upon the value of the required output voltage,
a resistor Rext1 or Rext2 shall be connected as shown in the
figure below:
Either: Rext1 between the R pin and Vo– to achieve an
output voltage adjustment range of Vo = 75 to 100% of
Vo nom (85 to 100% for 3.3 V outputs):
Vo
Rext1
≈ 4 kΩ • –––––––––
Vo nom – Vo
or: Rext2 between the R pin and Vo+ to achieve an output
voltage range of approximately Vo = 100 to 105 % of Vo nom:
(Vo – 2.5 V)
Rext2
≈ 4 kΩ • ––––––––––––––––––
2.5 V • (Vo/Vo nom – 1)
b) Adjustment by means of an external voltage Vext between
Vo– and R pin.
The control voltage is 1.96 to 2.62 V and allows for
adjustment in the range of 75 to 105% of Vo nom.
Vo • 2.5 V
Vext
≈ ––––––––
Vo nom
Caution: Applying an external voltage >2.75 V may damage the
converter.
Note: Attempting to adjust the output below this range will cause
the converter to shut down (hiccup mode).
Table 6: Rext for Vo > Vo nom
approximate values (Vi nom, Io1 = Io2 = 0.5 Io1/2 nom)
Vo [% Vo nom]
Rext [kΩ
Ω]
105 to 108 (107 typically)
0
105
1.5
104
5.6
103
12
102
27
101
68
100
Note: Applying a control voltage greater than 20 V will set the
converter into a hiccup mode.
Table 7: Vext for Vo = 75 to 105% Vo nom;
typical values (Vi nom, Io1 = Io2 = 0.5 Io1/2 nom)
Vo [% Vo nom]
Vext [V]
≥105
0
102
1.6
95
4.5
85
9
75
13


Similar Part No. - 40IMX7-05-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-05-8 POWER-ONE-40IMX7-05-05-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results

Similar Description - 40IMX7-05-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com