Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC40-1024G Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC40-1024G
Description  RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40-1024G Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC40-1024G Datasheet HTML 1Page - Bel Fuse Inc. ABC40-1024G Datasheet HTML 2Page - Bel Fuse Inc. ABC40-1024G Datasheet HTML 3Page - Bel Fuse Inc. ABC40-1024G Datasheet HTML 4Page - Bel Fuse Inc. ABC40-1024G Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ABC40 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00281_AE
Figure 2. Mechanical Drawing ABC40-1xxxG
Figure 3. Mechanical Drawing ABC40-3xxxG
NOTES: In case the PCB is mounted in a metal enclosure, using metal hardware ensure the following:
1
Stand off, used to mount PCB has OD of 5.4 mm max.
2
Screws, used to fix PCB on stand off, have head dia of 6.0 mm max.
3
Washer, if used, to have dia of 6.5 mm max.
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - ABC40-1024G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40-1024G POWER-ONE-ABC40-1024G Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
logo
Bel Fuse Inc.
ABC40-1024G BEL-ABC40-1024G Datasheet
547Kb / 6P
   4 x 2 x 1.2 Inch Form Factor
More results

Similar Description - ABC40-1024G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com