Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP110-4004G Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MAP110-4004G
Description  Universal Input 85-264 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP110-4004G Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MAP110-4004G Datasheet HTML 1Page - Bel Fuse Inc. MAP110-4004G Datasheet HTML 2Page - Bel Fuse Inc. MAP110-4004G Datasheet HTML 3Page - Bel Fuse Inc. MAP110-4004G Datasheet HTML 4Page - Bel Fuse Inc. MAP110-4004G Datasheet HTML 5Page - Bel Fuse Inc. MAP110-4004G Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bel Power Solutions MAP110 Series of power supplies combines low
cost and universal input in a board-only power solution to meet
commercial and industrial requirements. Full international safety, EMI,
and ESD compliance ensure worldwide acceptance. All units bear the
CE Mark.
Wide dynamic output current and fixed-frequency operation simplifies
system level operation. The MAP110 series is configured to an
international standard footprint. Input and output connections are
made via popular single-row Molex connectors.
Single output models feature wide-range output adjustability to meet
a wide variety of standard and user-specific output voltage
requirements.
RoHS Lead-Solder-Exemption Compliant
New 5 V Output Models
Universal Input 85-264 VAC
Industry-Standard Footprint:
7.0" x 4.3" x 1.97" (177.8 x 109.2 x 50.0 mm)
Input Transient & ESD Compliance to EN61000-4-2/-3/-4
Remote sense and overvoltage protection on single output units and
main output of multiple output units
Options include Over temperature protection, Power Fail signal,
Chassis & Cover
Greater than 134,000 hours MTBF


Similar Part No. - MAP110-4004G

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP110-4004 POWER-ONE-MAP110-4004 Datasheet
279Kb / 5P
   MAP110 SERIES
More results

Similar Description - MAP110-4004G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
   Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
   Universal Input: 90-264 VAC
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
   Universal input 85 - 265 VAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com