Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX7-12-12-8 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 20IMX7-12-12-8
Description  7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX7-12-12-8 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  20IMX7-12-12-8 Datasheet HTML 1Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 2Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 3Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 4Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 5Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 6Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 7Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 8Page - Bel Fuse Inc. 20IMX7-12-12-8 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 3 of 14
MELCHER
The Power Partners.
Functional Description
The IMX7/IMS7 Series DC-DC converters are feedback-
controlled flyback converters using current mode PWM (Pulse
Width Modulation).
In the case of single-output models, the output is directly
sensed and fed back to the primary control circuit via a pulse
transformer, resulting in tight regulation of the output voltage.
The R input is referenced to the secondary side and allows for
programming the output voltages in the range 75 to 105% of
Vo nom, using either an external resistor or an external voltage
source.
For double-output models, the output voltage is sensed by a
separate transformer winding close to the secondary and fed
Fig. 2
Block diagram of double-output models
Fig. 1
Block diagram of single-output models
back to the primary control circuit. Close magnetic coupling is
provided by the planar construction, ensuring very good
regulation, and allowing for flexible load distribution. The Trim
input of double-output models is referenced to the primary side,
and allows for programming the output voltages in the range of
100 to 105% of Vo nom by means of an external resistor, or within
75 to 100% of Vo nom, using an external voltage source.
Current limitation is provided by the primary circuit, thus limiting
the total output current (Io nom for the single- and the sum Io1 nom
+ Io2 nom for double-output models).
The inhibit input i allows remote control of the outputs; pin i
must be connected to Vi– to activate the converter.
Part Number Description
Input voltage range Vi
8.4 – 36 V .............................................. 20
14 – 36 V ............................................... 24
16.8 – 75 V ............................................ 40
36 – 75 V ............................................... 48
40 – 121 V ............................................. 70
60 – 150 V ........................................... 110
Series .............................................................. IMX7, IMS7
Output voltage of output 1 ...................... 03, 05, 12, 15, 24
Output voltage of output 2 ............................ 05, 12, 15, 24
Operating ambient temperature TA
–40 to 85 °C ............................................... -8
–40 to 71 °C ............................................... -9
Options:
Surface mount version1 ............................................ M
Open frame1 ..................................................................... Z
RoHS-compliant for all six substances ........ G
Obsolete option: C-pinout ............................................... C
1 Option M and Z exclude each other.
Note: The sequence of options must follow the order above.
Example:
40IMX7-05-05-8ZG: DC-DC converter, input voltage range 16.8 – 75 V, 2 outputs providing each 5 V, 700 mA,
temperature range – 40 to 85 °C, open frame, RoHS compliant for all six substances.
40 IMX7 - 05 - 05 -8 Z G
PWM
2
× 2200 pF
1500
V
13
1
2
3
4
11
10
12
14
Vi+
i
Vi–
n.c.
Vo+
Vo–
R
n.c.
03025a
PWM
2
× 2200 pF
14
1
2
3
4
11
10
12
13
Vi+
Trim
i
Vi –
Vo1+
Vo1–
Vo2+
Vo2–
n.c.
03042b


Similar Part No. - 20IMX7-12-12-8

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX7-12-12-8 POWER-ONE-20IMX7-12-12-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results

Similar Description - 20IMX7-12-12-8

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com