Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL404 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # KBL404
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

KBL404 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  KBL404 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd KBL404 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
www.21yangjie.com
S-C036
Rev. 1.3, 28-Apr-14
KBL4005 THRU KBL410
桥式整流器 Bridge Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
Io
4A
VRRM
50V~1000V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
■用途 Applications
作一般电源单相桥式整流用
General purpose 1 phase Bridge
rectifier applications
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
KBL4
005 01 02 04
06 08 10
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60HZ 正弦波,电阻负载,Ta=40℃
60HZ sine wave,
R- load, Ta=40℃
4
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
120
正向浪涌电流的平方对电流浪
涌持续
时间的积分值
Current Squared Time
I
2t
A
2s
1ms≤t<8.3ms Tj=25 ,
℃ 单个二
极管
1ms≤t < 8.3ms Tj=25 ,Rat
ing of
per diode
93
存储温度
Storage Temperature
TSTG
-55 ~+150
结温
Junction Temperature
TJ
-55 ~+150
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=4A,脉冲测试,单个二极管的额定值
IFM=4A, Pulse measurement, Rating of per diode
1.05
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
10
热阻
Thermal Resistance
RθJ-A
/W
结和环境之间
Between junction and ambient
13
(1)
RθJ-L
结和引线之间
Between junction and lead
2.4
(2)
说明(Notes):
(1)PN结到周围环境的热阻,安装在3.0*3.0*0.11”(7.5*7.5*0.3 cm)规格的铝板上
Thermal resistance from junction to ambient with units mounted on 3.0*3.0*0.11” thick(7.5*7.5*0.3cm) aluminum plate
(2)PN结到引线的热阻,安装在PCB板上,引线长0.375’’(9.5mm),铜板0.5*0.5’’(12*12mm)
Thermal resistance from junction to lead with units mounted on P.C.B.at 0.375’’(9.5mm)lead length and 0.5*0.5’’(12*12mm)
copper pads
.6 3 0 (1 6 .0 )
M IN
AC
.6 4 0 (1 6 .3 )
.6 0 0 (1 5 .2 )
.0 5 2 (1 .3 )
.0 4 8 (1 .2 )
D IA
.2 2 0 (5 .6 )
.1 8 1 (4 .6 )
.6 1 8 (1 5 .7 )
.5 4 0 (1 3 .7 )
.2 5 6 (6 .5 )
.2 1 7 (5 .5 )
.0 7 1
(1 .8 )
.7 6 8 (1 9 .5 )
.7 2 8 (1 8 .5 )
D im e n s io n s in in c h e s a n d (m illim e te rs )
K B L


Similar Part No. - KBL404

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBL404 YFWDIODE-KBL404 Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Surge Components
KBL404 SURGE-KBL404 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Bytesonic Electronics C...
KBL404 BYTESONIC-KBL404 Datasheet
357Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL404 TSC-KBL404 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
KBL404 KISEMICONDUCTOR-KBL404 Datasheet
74Kb / 2P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - KBL404

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com