Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX4-05-8 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 20IMX4-05-8
Description  4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX4-05-8 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  20IMX4-05-8 Datasheet HTML 1Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 2Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 3Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 4Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 5Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 6Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 7Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 8Page - Bel Fuse Inc. 20IMX4-05-8 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 4 of 12
MELCHER
The Power Partners.
Table 3: Input electrolytic capacitors
Model
20IMX4
40IMX4
70IMX4
C i
100
µF
47
µF
330
µF
50 V
100 V
200 V
Electrical Input Data
General conditions: TA = 25 °C, unless TC is specified.
Table 2: Input Data
Input
5I MX4
20IMX4
40IMX4
70IMX4
Unit
Characteristics
Conditions
min
typ max min typ max min typ max min typ max
Vi
Input voltage range
TC min to TC max
4.7
5.0 16.8 8.4
36 16.8 2
75
40
121
VDC
Vi nom
Nominal input voltage
Io = 0 to Io nom
5.0
20
40
70
Vi sur
Repetitive surge voltage abs. max input (3 s)
--
40
100
150
tstart-up Converter start-up time1 Worst case condition at
0.25 0.5
0.25 0.5
0.25 0.5
0.3
0.6
s
Vi min and full load
trise
Rise time 1
Vi nom
resistive load
--
5
5
5
ms
Io nom
capacitive load
--
12
12
12
Ii o
No-load input current
Io = 0, Vi min to Vi max
--
15
20
5
10
5
10
mA
C i
Input capacitance
--
0.54
0.3
0.15
µF
Iinr p
Inrush peak current
Vi = Vi nom 3
3.8
3.7
4.2
5.6
A
fs
Switching frequency
Vi min to Vi max, Io = 0 to Io nom
400
400
400
400
kHz
Ii rr
Reflected ripple current
Io = 0 to Io nom
--
100
60
30
mApp
vi RFI
Input RFI level
EN 55011/55022 4
--
A
A
A
Class
conducted
1
Measured with a resistive or max. admissible capacitive load; see fig. 5
2
Operation at lower input voltage possible: Po approx. 80% of Po nom at Vi min = 14.4 V
3
Source impedance according to ETS 300132-2, version 4.3.
4
External capacitors required according to table 3.
Fig. 5
Converter start-up and rise time
Inrush Current
The inrush current has been kept as low as possible by
choosing a very small input capacitance. A series resistor may
be inserted in the input line to further limit this current.
Fig. 6
Typ. inrush current at Vi nom, Po nom versus time measured
according to ETS 300132-2, version 4.3 (40IMX4).
Fig. 7
Input capacitors
A
0
10
20
30
40
µs
04034a
0
1
2
3
Start-up
Filter to Comply with EN 55011/55022
Electromagnetic emission requirements according to table
Electrical Input Data can be achieved by adding an external
capacitor as close as possible to the input terminals (see fig. 7
and table 3).
Vi+
Vi–
Ci
04035b
+
Vo nom
Vo
tstartup
trise
t
04008b


Similar Part No. - 20IMX4-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-05-8 BEL-20IMX4-05-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
More results

Similar Description - 20IMX4-05-8

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com