Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX7 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 20IMX7
Description  7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX7 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  20IMX7 Datasheet HTML 1Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 2Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 3Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 4Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 5Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 6Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 7Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 8Page - Bel Fuse Inc. 20IMX7 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 1 of 14
MELCHER
The Power Partners.
50.8
2.0"
25.4
1.0"
10.5
0.42"
Features
• RoHS lead-free-solder and lead-solder-exempted
products are available.
• Input voltage ranges up to 150 VDC
• 1 or 2 isolated outputs up to 48 V
• 1500 to 2000 VAC voltage withstand test
• Extremely wide input voltage ranges
• Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
• High efficiency (typ. 84%)
• Input undervoltage lockout
• Inhibit input, adjustable output voltages
• Flex power: flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• High reliability and no derating
• Operating ambient temperature – 40 to +85 °C
• Thermal protection
• Supplementary insulation
• Planar technology for best mechanical stability
• 2” × 1” case with 10.5 mm profile
Description
The IMX7/IMS7 Series of board-mountable 7 Watt DC-DC
converters have been designed according to the latest
industry requirements and standards. The converters are
particularly suitable for use in mobile or stationary applications
in transport, railways, industry, or telecom, where variable
input voltages or high transient voltages are prevalent.
Covering a total input voltage range from 8.4 V to 150 V with
six different models, the converters are available with single
and electrically-isolated double outputs from 3.3 up to 48 V
with flexible load distribution on double outputs. A shutdown
input allows remote on/off.
Features include efficient input and output filtering with good
transient and surge protection, low output ripple and noise,
consistently high efficiency over the entire input voltage range,
and high reliability as well as excellent dynamic response to
load and line changes.
The converters provide supplementary insulation with SELV
outputs as for instances required in battery-supported
systems, where the bus voltage may exceed the SELV limit of
60 V. The models 70IMX7 and 110IMX7 are CE-marked.
The circuitry is comprised of integral planar magnetics. All
components
are
automatically
assembled
and
securely
soldered onto a single PCB without any wire connections.
Magnetic
feedback
ensures
maximum
reliability
and
repeatability in the control loop over all operating conditions.
Careful considerations of possible thermal stresses ensure the
absence of hot spots, providing long life in environments, where
temperature cycles are a reality. The thermal design allows
operation at full load up to an ambient temperature of 85 °C in
free air without using any potting material. For extremely high
vibration environments the case has holes for screw mounting.
Several options, such as open-frame, provide a high level of
application-specific engineering and design-in flexibility.
Safety-approved to IEC 60950-1 and UL/CSA 60950-1
2nd Ed.
1 70/110IMX7 models
1
Table of Contents
Page
Page
Copyright © 2015, Bel Power Solutions Inc. All rights reserved.
Description ............................................................................. 1
Model Selection ..................................................................... 2
Functional Description ........................................................... 3
Electrical Input Data ............................................................... 4
Electrical Output Data ............................................................ 7
Auxiliary Functions ................................................................. 9
Electromagnetic Compatibility (EMC) .................................. 11
Immunity to Environmental Conditions ................................ 12
Mechanical Data .................................................................. 13
Safety and Installation Instructions ...................................... 13
Description of Options ......................................................... 14


Similar Part No. - 20IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX7 POWER-ONE-20IMX7 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7 POWER-ONE-20IMX7 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7 POWER-ONE-20IMX7 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-03-8 POWER-ONE-20IMX7-03-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-03-9 POWER-ONE-20IMX7-03-9 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
More results

Similar Description - 20IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com