Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3B225K020C1500AS Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TP3B225K020C1500AS
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B225K020C1500AS Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TP3B225K020C1500AS Datasheet HTML 5Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 6Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 7Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 8Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 9Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 10Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 11Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 12Page - Vishay Siliconix TP3B225K020C1500AS Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
9
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 VDC AT +85 °C; 13 VDC AT +125 °C
15
B
TP3B156(1)020(2)2300AS
3.0
6
2.300
0.19
15
B
TP3B156(1)020(2)1000AS
3.0
6
1.000
0.29
15
C
TP3C156(1)020(2)1500AS
3.0
6
1.500
0.27
15
C
TP3C156(1)020(2)0400AS
3.0
6
0.400
0.52
15
D
TP3D156(1)020(3)0900AS
3.0
6
0.900
0.41
15
D
TP3D156(1)020(3)0300AS
3.0
6
0.300
0.71
22
C
TP3C226(1)020(2)1100AS
4.4
6
1.100
0.32
22
C
TP3C226(1)020(2)0375AS
4.4
6
0.375
0.54
22
D
TP3D226(1)020(3)0700AS
4.4
6
0.700
0.46
22
D
TP3D226(1)020(3)0225AS
4.4
6
0.225
0.82
22
D
TP3D226(1)020(3)0180AS
4.4
6
0.180
0.91
33
C
TP3C336(1)020(2)1000AS
6.6
6
1.000
0.33
33
C
TP3C336(1)020(2)0350AS
6.6
6
0.350
0.56
33
D
TP3D336(1)020(3)0700AS
6.6
6
0.700
0.46
33
D
TP3D336(1)020(3)0200AS
6.6
6
0.200
0.87
47
D
TP3D476(1)020(3)0700AS
9.4
6
0.700
0.46
47
D
TP3D476(1)020(3)0250AS
9.4
6
0.250
0.77
47
D
TP3D476(1)020(3)0200AS
9.4
6
0.200
0.87
47
D
TP3D476(1)020(3)0150AS
9.4
6
0.150
1.00
47
E
TP3E476(1)020(3)0600AS
9.4
6
0.600
0.52
47
E
TP3E476(1)020(3)0150AS
9.4
6
0.150
1.05
100
E
TP3E107(1)020(3)0500AS
20.0
8
0.500
0.57
100
E
TP3E107(1)020(3)0150AS
20.0
8
0.150
1.05
25 VDC AT +85 °C; 17 VDC AT +125 °C
0.47
A
TP3A474(1)025(2)12R0AS
0.5
4
12.000
0.08
0.47
A
TP3A474(1)025(2)9000AS
0.5
4
9.000
0.09
0.68
A
TP3A684(1)025(2)8400AS
0.5
4
8.400
0.09
0.68
B
TP3B684(1)025(2)7000AS
0.5
4
7.000
0.11
0.68
B
TP3B684(1)025(2)5000AS
0.5
4
5.000
0.13
1.0
A
TP3A105(1)025(2)7600AS
0.5
4
7.600
0.10
1.0
A
TP3A105(1)025(2)4000AS
0.5
4
4.000
0.14
1.0
B
TP3B105(1)025(2)5000AS
0.5
4
5.000
0.13
1.0
B
TP3B105(1)025(2)2000AS
0.5
4
2.000
0.21
1.5
A
TP3A155(1)025(2)6700AS
0.5
6
6.700
0.11
1.5
A
TP3A155(1)025(2)4000AS
0.5
6
4.000
0.14
1.5
B
TP3B155(1)025(2)4600AS
0.5
6
4.600
0.14
1.5
B
TP3B155(1)025(2)2000AS
0.5
6
2.000
0.21
2.2
A
TP3A225(1)025(2)6300AS
0.6
6
6.300
0.11
2.2
A
TP3A225(1)025(2)4000AS
0.6
6
4.000
0.14
2.2
B
TP3B225(1)025(2)3800AS
0.6
6
3.800
0.15
2.2
B
TP3B225(1)025(2)1500AS
0.6
6
1.500
0.24
2.2
B
TP3B225(1)025(2)4000AS
0.6
6
4.000
0.24
2.2
C
TP3C225(1)025(2)2200AS
0.6
6
2.200
0.22
3.3
B
TP3B335(1)025(2)3100AS
0.8
6
3.100
0.17
3.3
B
TP3B335(1)025(2)1500AS
0.8
6
1.500
0.24
3.3
C
TP3C335(1)025(2)2300AS
0.8
6
2.300
0.22
3.3
C
TP3C335(1)025(2)1000AS
0.8
6
1.000
0.33
4.7
B
TP3B475(1)025(2)2800AS
1.2
6
2.800
0.17
4.7
B
TP3B475(1)025(2)1500AS
1.2
6
1.500
0.24
4.7
C
TP3C475(1)025(2)2000AS
1.2
6
2.000
0.24
4.7
C
TP3C475(1)025(2)0525AS
1.2
6
0.525
0.46
6.8
B
TP3B685(1)025(2)1500AS
1.7
6
1.500
0.24
6.8
C
TP3C685(1)025(2)1700AS
1.7
6
1.700
0.25
6.8
C
TP3C685(1)025(2)0500AS
1.7
6
0.500
0.47
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Terminations and packaging codes: C, D, E, F, U, V, T, W


Similar Part No. - TP3B225K020C1500AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3B225 VISHAY-TP3B225 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Similar Description - TP3B225K020C1500AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com