Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1206DR-7W10RL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AC1206DR-7W10RL
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC1206DR-7W10RL Datasheet(HTML) 4 Page - YAGEO Corporation

  AC1206DR-7W10RL Datasheet HTML 1Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 2Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 3Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 4Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 5Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 6Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 7Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 8Page - YAGEO Corporation AC1206DR-7W10RL Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 20, 2017 V.6
Product specification
4
12
SERIES
AC
0201 to 2512
overcoat
protective glass
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
marking layer
inner electrode
YNSC088
Fig. 8_1 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
CONSTRUCTION
The resistors are constructed on top of an automotive grade ceramic body. Internal metal electrodes are added at
each end and connected by a resistive glaze. The resistive glaze is covered by a protective glass.
The composition of the glaze is adjusted to give the approximately required resistance value and laser trimming of this
resistive glaze achieves the value within tolerance. The whole element is covered by a protective overcoat. Size 0603 and
bigger is marked with the resistance value on top. Finally, the two external terminations (Ni / matte tin) are added, as
shown in Fig.8.
overcoat
protective glass
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
marking layer
inner electrode
YNSC088_1
Fig. 8_2 AC2010/ 2512 double power chip resistor outlines
For dimension, please refer to Table 1
0603/0805/1206/1210/
2010/2512
AC1218
Side view for all type
AC0201/0402
Fig. 9 Chip resistor dimensions
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
AC0201
0.60±0.03
0.30±0.03
0.23±0.03
0.12±0.05
0.15±0.05
AC0402
1.00 ±0.05
0.50 ±0.05
0.32 ±0.05
0.20 ±0.10
0.25 ±0.10
AC0603
1.60 ±0.10
0.80 ±0.10
0.45 ±0.10
0.25 ±0.15
0.25 ±0.15
AC0805
2.00 ±0.10
1.25 ±0.10
0.50 ±0.10
0.35 ±0.20
0.35 ±0.20
AC1206
3.10 ±0.10
1.60 ±0.10
0.55 ±0.10
0.45 ±0.20
0.40 ±0.20
AC1210
3.10 ±0.10
2.60 ±0.15
0.55 ±0.10
0.45 ±0.15
0.50 ±0.20
AC1218
3.10 ±0.10
4.60 ±0.10
0.55 ±0.10
0.45 ±0.20
0.40 ±0.20
AC2010
5.00 ±0.10
2.50 ±0.15
0.55 ±0.10
0.55 ±0.15
0.50 ±0.20
AC2512
6.35 ±0.10
3.10 ±0.15
0.55 ±0.10
0.60 ±0.20
0.50 ±0.20
Table 1 For outlines, please refer to Fig. 9
DIMENSIONS


Similar Part No. - AC1206DR-7W10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC1206DR-7W10R YAGEO-AC1206DR-7W10R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC1206DR-7W10RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com