Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMY15 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # IMY15
Description  15 Watt DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMY15 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  IMY15 Datasheet HTML 1Page - Bel Fuse Inc. IMY15 Datasheet HTML 2Page - Bel Fuse Inc. IMY15 Datasheet HTML 3Page - Bel Fuse Inc. IMY15 Datasheet HTML 4Page - Bel Fuse Inc. IMY15 Datasheet HTML 5Page - Bel Fuse Inc. IMY15 Datasheet HTML 6Page - Bel Fuse Inc. IMY15 Datasheet HTML 7Page - Bel Fuse Inc. IMY15 Datasheet HTML 8Page - Bel Fuse Inc. IMY15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 4 of 19
MELCHER
The Power Partners.
Functional Description
The IMX15/IMS15/ IMY15 Series of DC-DC converters are
magnetic feedback-controlled flyback converters using current
mode PWM (Pulse Width Modulation). The -05- and -0503-
output voltage models exhibit an active magnetic feedback
loop via a pulse transformer, resulting in very tight regulation of
the output voltage (see the block diagrams). The output
voltages
of
these
models
can
be
adjusted
via
the
R-input. The R-input is referenced to the secondary side and
allows for programming the output voltages in the range of
approximately 80 to 105% of Vo nom, using either an external
resistor or an external voltage source.
Several single-output models with 3.3 or 5.1 V output exhibit a
synchronous rectifier to improve the efficiency.
The voltage regulation on the double-output models is
achieved with an auxiliary winding of the main transformer. The
output voltages can be adjusted via the Trim input, which is
referenced to the primary side and allows for programming the
output voltage in the range of 100 to 105% of Vo nom via an
external resistor, or within 75 to 105% if using an external
voltage source. The load regulation output characteristic allows
for paralleling of one or more double-output models with equal
output voltage.
Current limitation is provided by the primary circuit, thus limiting
the total output power of double-output models. The shutdown
input allows remote converter on/off.
Overtemperature protection will disable the converter under
excessive overload conditions with automatic restart.
Fig. 1
Block diagram of single-output models
Fig. 2
Block diagram of -0503-models
Fig. 3
Block diagram of double-output models
PWM
2 x 2200 pF
1
2
3
4
13
15
12
11
Vi+
SD
Vi –
Vo1+
Go
n.c.
Vo2+
Go
03089a
17
R
PWM
2 x 2200 pF
1
2
3
4
11
12
15
13
Vi+
SD
Vi –
Vo1+
Vo1–
Trim
Vo2+
Vo2–
03090a
17
n.c.
PWM
2 x 2200 pF
1500 V
1
2
13
15
Vi+
Vi–
Vo+
Vo–
03039a
17 R
4
SD
3
n.c.


Similar Part No. - IMY15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMY70 BEL-IMY70 Datasheet
2Mb / 17P
   70 to 90 Watt DC-DC Converters
logo
Infineon Technologies A...
IMYH200R012M1H INFINEON-IMYH200R012M1H Datasheet
1Mb / 16P
   CoolSiC™ 2000 V SiC Trench MOSFET
1.10 2023-01-16
IMYH200R012M1H INFINEON-IMYH200R012M1H Datasheet
4Mb / 34P
   EiceDRIVER™ 1ED314xMU12F (1ED-X3 Compact)
1.0 2023-01-15
IMYH200R024M1H INFINEON-IMYH200R024M1H Datasheet
1Mb / 16P
   CoolSiC™ 2000 V SiC Trench MOSFET
1.10 2023-01-16
IMYH200R050M1H INFINEON-IMYH200R050M1H Datasheet
1Mb / 16P
   CoolSiC™ 2000 V SiC Trench MOSFET
Revision 1.10 2023-01-16
More results

Similar Description - IMY15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com