Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP0115CMKW015DB Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0115CMKW015DB
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0115CMKW015DB Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0115CMKW015DB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CMKW015DB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CMKW015DB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CMKW015DB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CMKW015DB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CMKW015DB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series LP01
Short Body Pushbuttons
D73
D
www.nkkswitches.com
OPTIONAL ACCESSORIES
LEGENDS
Shaded area is printable area
Recommended Methods:
Pad Print or Laser Etch on cap.
Epoxy based ink is recommended.
Suggested Printable Area for LP01 Cap
(12.07) Dia
.475
(13.6) Dia
.535
(0.76) Typ
.030
NKK Switches can provide custom legends for caps. Contact factory for more information.
Adaptors
AT716
Single Pole
Solder Lug/
Quick Connect
Terminals
AT717
Double Pole
Solder Lug/
Quick Connect
Terminals
(5.0)
.197
(17.0)
.669
(17.1)
.673
(5.0)
.197
(17.0)
.669
(17.1)
.673
Dimension A: Solder Lug .197” (5.0mm); Straight PC .157” (4.0mm)
Panel thickness for LP01 Bushing Mount: .079” ~ .256” (2.0mm ~ 6.5mm)
(27.3)
1.075
A
Material: Glass fiber reinforced polyamide
Note: Order adaptors separately
Switch Dimensions Shown with Adaptor AT716
AT718
Single Pole
Straight PC
Terminals
AT719
Double Pole
Straight PC
Terminals
(4.0)
.157
(17.0)
.669
(17.1)
.673
(4.0)
.157
(17.0)
.669
(17.1)
.673
CL
(3.7) Typ
.146
(4.85) Typ
.191
(1.0) Dia Typ
.039
(5.55)
.219
(3.0) Typ
.118
(1.85) Typ
.073
CL
(3.7) Typ
.146
(4.85) Typ
.191
(1.0) Dia Typ
.039
(5.55) Typ
.219
(3.0) Typ
.118
(1.85) Typ
.073
(4.85) Typ
.191
NC
NO
COM
NO
+
L
(5.55)
.219
(3.0)
.118
(3.7)
.146
NC
NO
COM
NO
L
(4.85) Typ
.191
(5.55) Typ
.219
(3.0) Typ
.118
(3.7)
.146
+
(4.85) Typ
.191
NC
NO
COM
NO
+
L
(5.55)
.219
(3.0)
.118
(3.7)
.146
NC
NO
COM
NO
L
(4.85) Typ
.191
(5.55) Typ
.219
(3.0) Typ
.118
(3.7)
.146
+
Note: Suggested printable area does not apply to spot illuminated cap.


Similar Part No. - LP0115CMKW015DB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0115CMKW015DB NKK-LP0115CMKW015DB Datasheet
206Kb / 6P
   Short Body Pushbuttons
LP0115CMKW015DB NKK-LP0115CMKW015DB Datasheet
208Kb / 6P
   Short Body Pushbuttons
More results

Similar Description - LP0115CMKW015DB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com