Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40IMX4-2424-8 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 40IMX4-2424-8
Description  4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

40IMX4-2424-8 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 40IMX4-2424-8 Datasheet HTML 4Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 5Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 6Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 7Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 8Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 9Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 10Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 11Page - Bel Fuse Inc. 40IMX4-2424-8 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 10 of 12
MELCHER
The Power Partners.
Immunity to Environmental Conditions
Table 9: Mechanical and climatic stress
Test Method
Standard
Test conditions
Status
Ca
Damp heat
IEC/EN 60068-2-78
Temperature:
40 ±2 °C
Converter
steady state
MIL-STD-810D section 507.2
Relative humidity:
93 +2/-3 %
not
Duration:
56 days
operating
Ea
Shock
IEC/EN 60068-2-27 1
Acceleration amplitude:
100 gn = 981 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
18 (3 each direction)
Eb
Bump
IEC/EN 60068-2-29
Acceleration amplitude:
40 gn = 392 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
6000 (1000 each direction)
Fc
Vibration
IEC/EN 60068-2-6
Acceleration amplitude:
0.35 mm (10 to 60 Hz)
Converter
(sinusoidal)
5 gn = 49 m/s2 (60 to 2000 Hz)
operating
Frequency (1 Oct/min):
10 to 2000 Hz
Test duration:
7.5 h (2.5 h each axis)
Fh
Vibration,
IEC/EN 60068-2-64
Acceleration spectral density: 0.05 g n2/Hz
Converter
broad-band
Frequency band:
10 to 500 Hz
operating
random
Acceleration magnitude:
4.9 gn rms
(digital control)
Test duration:
3 h (1 h each axis)
Kb
Salt mist, cyclic
IEC/EN 60068-2-52
Concentration:
5% (30 °C)
Converter
(sodium chloride
Duration:
2 h per cycle
not
NaCl solution)
Storage:
40 °C, 93% rel. humidity
operating
Cycles and storage duration:
3 days, 22 h per cycle
1
Covers also EN 50155/EN 61373 category 1, class B, body mounted (= chassis of coach)
Failure Rates
Table 10: Temperature specifications, valid for air pressure of 800 to 1200 hPa (800 to 1200 mbar)
Temperature
Standard (-8)
Unit
Characteristics
Conditions
min
max
TA
Ambient temperature
Operational 1
–40
85
°C
TC
Case temperature
–40
105
TS
Storage temperature
Non operational
–55
105
1
See Thermal Considerations
Temperatures
Table 11: MTBF
MTBF
Ground benign
Ground fixed
Ground mobile
Unit
TC = 40 °C
TC = 40 °C
TC = 70 °C
TC = 50 °C
40IMX4-05-8 (MIL-HDBK-217F)
890 000
440 000
247 000
362 000
h
40IMX4-1212-8 (Bellcore)
3 535 000
1 768 000
917 000
476 000


Similar Part No. - 40IMX4-2424-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
40IMX4-2424-8 BEL-40IMX4-2424-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
40IMX4-2424-8KZG BEL-40IMX4-2424-8KZG Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
More results

Similar Description - 40IMX4-2424-8

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com