Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP0125CCKW01A Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0125CCKW01A
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0125CCKW01A Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0125CCKW01A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series LP01
Short Body Pushbuttons
D69
D
www.nkkswitches.com
Distinctive Characteristics
Environmentally friendly components and packaging materials meet RoHS Directive
restricting use of hazardous materials. Suited for lead-free soldering because of
heat resistant resin materials.
Smooth, slightly concave surface of cap designed to
fit fingertip. Unique design and construction of cap
prevents its removal and limits tampering.
Bright LED illumination in choice of red, green
or amber through translucent white cap. Spot
illumination in red, green or amber enhanced
by black cap.
Short body of .551” (14.0mm) conserves behind-
panel space.
Installation options include 16.0mm bushing mount or
17.3mm snap-in mount.
Combination solder lug and .110” quick connect
terminals are epoxy sealed to prevent entry of flux, dust,
or other contaminants.
Crisp actuation and clear circuit status provided by snap-action
contact mechanism. Arc barrier between movable contacts protects
against crossover.
Actual Size


Similar Part No. - LP0125CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0125CCKW01A NKK-LP0125CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0125CCKW01A NKK-LP0125CCKW01A Datasheet
208Kb / 6P
   Short Body Pushbuttons
More results

Similar Description - LP0125CCKW01A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com