Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6037754 Datasheet(PDF) 5 Page - SICK AG

Part # 6037754
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037754 Datasheet(HTML) 5 Page - SICK AG

  6037754 Datasheet HTML 1Page - SICK AG 6037754 Datasheet HTML 2Page - SICK AG 6037754 Datasheet HTML 3Page - SICK AG 6037754 Datasheet HTML 4Page - SICK AG 6037754 Datasheet HTML 5Page - SICK AG 6037754 Datasheet HTML 6Page - SICK AG 6037754 Datasheet HTML 7Page - SICK AG 6037754 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VTB18-4P1240VS01 | V18V
PHOTOELECTRIC SENSORS
Characteristic curve
25
20
15
10
5
0
90%/6%
90%/18%
90%/90%
3
1
2
mm
(inch)
20
(0.79)
40
(1.57)
60
(2.36)
80
(3.15)
100
(3.94)
Distance in mm (inch)
Sensing range diagram
0
20
(0.79)
40
(1.57)
60
(2.36)
80
(3.15)
100
(3.94)
3A
3B
2A
Distance in mm (inch)
Sensing range
1 Sensing range on black, 6 % remission
2 Sensing range on gray, 18 % remission
3 Sensing range on white, 90 % remission
A Sensing range adjuster on MIN
B Sensing range adjuster on MAX
5
55
0
60
2B
1A
1B
5
50
5
95
0
100
5
80
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


Similar Part No. - 6037754

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037751 SICK-6037751 Datasheet
278Kb / 4P
   LEVEL SENSORS
6037752 SICK-6037752 Datasheet
278Kb / 4P
   LEVEL SENSORS
6037753 SICK-6037753 Datasheet
466Kb / 6P
   LEVEL SENSORS
6037759 SICK-6037759 Datasheet
289Kb / 4P
   LEVEL SENSORS
More results

Similar Description - 6037754

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com