Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4089B-MFN Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U4089B-MFN
Description  MONOLITHIC INTEGRATED FEATUREPHONE CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4089B-MFN Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U4089B-MFN Datasheet HTML 2Page - ATMEL Corporation U4089B-MFN Datasheet HTML 3Page - ATMEL Corporation U4089B-MFN Datasheet HTML 4Page - ATMEL Corporation U4089B-MFN Datasheet HTML 5Page - ATMEL Corporation U4089B-MFN Datasheet HTML 6Page - ATMEL Corporation U4089B-MFN Datasheet HTML 7Page - ATMEL Corporation U4089B-MFN Datasheet HTML 8Page - ATMEL Corporation U4089B-MFN Datasheet HTML 9Page - ATMEL Corporation U4089B-MFN Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
U4089B-M
4570A–CORD–04/03
Figure 5. Functional Blocks for Power Supply
1.
In speech condition, the system is supplied by the line current. If the LIDET-block
detects a line voltage above the fixed threshold (1.9 V), the internal signal VLON
is activated, thus switching on all blocks of the chip.
For line voltages below 1.9 V, the switches remain in their quiescent state as shown
in Figure 5.
OFFSACOMP disables the group listening feature (SAI, SA, SACL, AFS) below line
currents of approximately 10 mA.
2.
Selecting IMPSEL = high impedance activates all switches at the ES line.
Acoustic Feedback
Suppression
Acoustical feedback from the loudspeaker to the handset microphone may cause insta-
bility in the system. The U4089B-M offers a very efficient feedback suppression circuit
which uses a modified voice switch topology. Figure 6 shows the basic system
configuration.
Two attenuators (TX ATT and RX ATT) reduce the critical loop gain by introducing an
externally adjustable amount of loss either in the transmit or in the receive path. The
sliding control in block ATT CONTR determines whether the TX or the RX signal has to
be attenuated. The overall loop gain remains constant under all operating conditions.
Selection of the active channel is made by comparison of the logarithmically com-
pressed TX and RX envelope curves.
The system configuration for group listening, which is realized in the U4089B-M, is illus-
trated in Figure 7. TXA and SAI represent the two attenuators; the logarithmic envelope
detectors are shown in a simplified way (operational amplifiers with two diodes).
7V
V B
MIC, DTMF
AGA, RA
TX MUTE
MUT REC, STBAL
RECATT
AFS
SAL, SA
SACL
OFFSA
COMP
TXA
TXACL
LIDET
Voltage
regulator
Power
supply
V L
V LON
V MP
IMPED
CONTR
IMPSEL
ES


Similar Part No. - U4089B-MFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4089B-P ATMEL-U4089B-P Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4089B-PFN ATMEL-U4089B-PFN Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4089B-PFNG3 ATMEL-U4089B-PFNG3 Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
U4089B-PFNG3Y ATMEL-U4089B-PFNG3Y Datasheet
650Kb / 26P
   Monolithic Integrated Feature Phone Circuit
More results

Similar Description - U4089B-MFN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
logo
TEMIC Semiconductors
U2841B TEMIC-U2841B Datasheet
112Kb / 9P
   Monolithic Integrated Circuit
logo
Vishay Telefunken
TBA810S TFUNK-TBA810S Datasheet
642Kb / 5P
   Monolithic Integrated Circuit
logo
List of Unclassifed Man...
TDA1062S ETC1-TDA1062S Datasheet
377Kb / 7P
   MONOLITHIC INTEGRATED CIRCUIT
U418B ETC1-U418B Datasheet
320Kb / 6P
   MONOLITHIC INTEGRATED CIRCUIT
logo
Vishay Telefunken
TBA540 TFUNK-TBA540 Datasheet
292Kb / 6P
   Monolithic Integrated Circuit
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3884FS ROHM-BD3884FS_11 Datasheet
140Kb / 5P
   Silicone monolithic integrated circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com