Electronic Components Datasheet Search |
|
TP3A155K025C4000AS Datasheet(PDF) 1 Page - Vishay Siliconix |
|
TP3A155K025C4000AS Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 23 page TP3 www.vishay.com Vishay Sprague Revision: 22-Jun-17 1 Document Number: 40116 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, High Performance, Automotive Grade PERFORMANCE / ELECTRICAL CHARACTERISTICS www.vishay.com/doc?40215 Operating Temperature: -55 °C to +125 °C (above 85 °C, voltage derating is required) Capacitance Range: 0.10 μF to 470 μF Capacitance Tolerance: ± 10 %, ± 20 % Voltage Rating: 4 VDC to 50 VDC FEATURES • AEC-Q200 qualified •Low ESR • 100 % surge current tested (B, C, D, and E case sizes) • High ripple current carrying capability • Molded case available in five case codes • Terminations: 100 % matte tin standard, tin / lead available • Compatible with “high volume” automatic pick and place equipment • Meets EIA-535-BAAC mechanical and performance requirements • Compliant terminations • Moisture sensitivity level 1 • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note * This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details APPLICATIONS • Automotive • Industrial • General purpose Notes • We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating • Dry pack as specified in J-STD-033 for MSL3. Applicable for D and E cases only Available Available Available ORDERING INFORMATION TP3 D 226 K 035 C 0500 AS TYPE CASE CODE CAPACITANCE CAPACITANCE TOLERANCE DC VOLTAGE RATING AT +85 °C TERMINATION / PACKAGING ESR SPECIFICATION OPTION See Ratings and Case Codes table This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. K = ± 10 % M = ± 20 % This is expressed in V. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an “R” (6R3 = 6.3 V) Matte tin C = 7" (178 mm) reel D = 13" (330 mm) reel V = 7" (178 mm) reel, dry pack U = 13" (330 mm) reel, dry pack Tin / lead E = 7" (178 mm) reel F = 13" (330 mm) reel T = 7" (178 mm) reel, dry pack W = 13" (330 mm) reel, dry pack Maximum 100 kHz ESR 0500 = 500 m Ω 5000 = 5.0 Ω 10R0 = 10.0 Ω AS = standard |
Similar Part No. - TP3A155K025C4000AS |
|
Similar Description - TP3A155K025C4000AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |