Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC0603DR-0797R6L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AC0603DR-0797R6L
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603DR-0797R6L Datasheet(HTML) 2 Page - YAGEO Corporation

  AC0603DR-0797R6L Datasheet HTML 1Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 2Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 3Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 4Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 5Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 6Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 7Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 8Page - YAGEO Corporation AC0603DR-0797R6L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 20, 2017 V.6
Product specification
2
12
SERIES
AC
0201 to 2512
ORDERING INFORMATION - GLOBAL PART NUMBER
Part number is identified by the series name, size, tolerance, packaging
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes AC0201
to AC2512 chip resistors with lead-
free terminations made by thick film
process.
APPLICATIONS
All general purpose applications
Car electronics, industrial
application
FEATURES
AEC-Q200 qualified
Moisture sensitivity level: MSL 1
AC series soldering is compliant
with J-STD-020D
Halogen free epoxy
RoHS compliant
-
Products with lead-free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reduce environmentally
hazardous waste
High component and equipment
reliability
The resistors are 100% performed
by automatic optical inspection
prior to taping.
ORDERING EXAMPLE
The ordering code for an AC0402
chip resistor, value 100 KΩ with
±1% tolerance, supplied in 7-inch
tape reel is: AC0402FR-07100KL.
NOTE
1. All our R-Chip products are RoHS
compliant and Halogen free. "LFP" of the
internal 2D reel label states "Lead-Free
Process".
2. On customized label, "LFP" or specific
symbol can be printed.
3. AC series with ±0.5% tolerance is also
available. For further information, please
contact sales.
Resistance rule of global part
number
Resistance coding
rule
Example
XRXX
(1 to 9.76Ω)
1R = 1Ω
1R5 = 1.5Ω
9R76 = 9.76Ω
XXRX
(10 to 97.6Ω)
10R = 10Ω
97R6 = 97.6Ω
XXXR
(100 to 976Ω)
100R = 100Ω
976R = 976Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000Ω
9K76 = 9760Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000Ω
9M76= 9,760,000Ω
XXMX
(10 MΩ)
10M = 10,000,000Ω
GLOBAL PART NUMBER
AC XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0201/ 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
D = ± 0.5%
F = ± 1%
J = ± 5% (for Jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
7W = 7 inch dia. Reel & 2 x standard power
(6) RESISTANCE VALUE
1Ω to 22 MΩ
There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no
need to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)


Similar Part No. - AC0603DR-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603DR-0797R6 YAGEO-AC0603DR-0797R6 Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC0603DR-0797R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com