Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG85A-8021-96-1012-S1NIL Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG85A-8021-96-1012-S1NIL
Description  automotive / industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG85A-8021-96-1012-S1NIL Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG85A-8021-96-1012-S1NIL Datasheet HTML 1Page - Willow Technologies Ltd DG85A-8021-96-1012-S1NIL Datasheet HTML 2Page - Willow Technologies Ltd DG85A-8021-96-1012-S1NIL Datasheet HTML 3Page - Willow Technologies Ltd DG85A-8021-96-1012-S1NIL Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DG85 series
automotive / industrial relays
Ref: DG85 021916JHM
Coil Data
Table 1
Model
Coil voltage code
Nominal voltage
(VDC)
Coil resistance
(Ω) ±10%
Must operate
voltage Max.
(VDC)
Maximum
Allowable voltage
(VDC)*
Must release
voltage min.
(VDC)
DG85A
DG85B
DG85C
DG85D
1006
6
22
3.6
10.1
0.6
1012
12
90
7.2
20.5
1.2
1024
24
330
14.4
39.1
2.4
DG85F
1006
6
15.6
3.6
6.4
0.6
1012
12
62.5
7.2
14.8
1.2
1024
24
250
14.4
28.8
2.4
* At ambient temperature of 85’C and above, up to maximum ambient temperature of 125’C, maximum allowable voltage should be reduced by 28%
Page 2 of 4
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
8
5
-
-
-
-
Series
A
-
40/30A
B
-
60/40A
see Table 1
C
-
80/60A
D
-
100A
F
-
60/40A
Options 1 Metal Brackets*
Nil
-
No options
Contact material
M1
-
Metal bracket
10
-
AgCdO
M2
-
Bent metal bracket
20
-
AgNi
S1
-
Skirted cover & metal
bracket
70
-
AgSnOInO
80
-
AgNi0.15 (consult factory)
S2
-
Skirted cover & bent
metal bracket
Contact arrangement
Options 2 Parallel Components
11
-
SPDT (1 C/O, 1 Form C)
Nil
-
No options
21
-
SPST-NO (1N/O, 1 Form A)
R
-
Integral resistor
Cover protection category
D
-
Integral diode +85, -86
3
-
in cover, sealed - IP67 (not available for DG85C
& DG85D, nor for any metal mounting bracket)
DR -
Integral diode reversed -85,
+86 (standard)
7
-
in cover, dust cover - IP54
BD
-
Bi-directional diode
9
-
Cover with mounting bracket (plastic, unless optional
metal bracket specified)
Connection mode
* Metal brackets factory fitted to cover as standard
5
-
for PCB
Consult factory for brackets supplied loose
6
-
Flat Blades
D
-
Double 87 flat blades (DG85A, DG85B & SPST-NO only)
Specifications are liable to change without notice. E&OE
.


Similar Part No. - DG85A-8021-96-1012-S1NIL

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
More results

Similar Description - DG85A-8021-96-1012-S1NIL

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
DG85M AEC-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
DG85C AEC-DG85C Datasheet
503Kb / 4P
   automotive / industrial relays
DG85F AEC-DG85F Datasheet
503Kb / 4P
   automotive / industrial relays
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
logo
Willow Technologies Ltd
DG85M WILLOW-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com