Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1210DR-07976RL Datasheet(PDF) 6 Page - YAGEO Corporation

Part # AA1210DR-07976RL
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AA1210DR-07976RL Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button AA1210DR-07976RL Datasheet HTML 2Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 3Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 4Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 5Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 6Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 7Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 8Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 9Page - YAGEO Corporation AA1210DR-07976RL Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 08, 2015 V.3
Product specification
6
10
SERIES
AA
0201 to 2512
F
FU
UN
NC
CT
TIIO
ON
NA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: -55 °C to +155 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
AA0201=1/20W (0.05W)
AA0402=1/16 W (0.0625W)
AA0603=1/10 W (0.1W)
AA0805=1/8 W (0.125W)
AA1206=1/4 W (0.25W)
AA1210=1/2 W (0.5W)
AA1218=1 W
AA2010=3/4 W (0.75W)
AA2512=1 W
RATED VOLTAGE
The DC or AA (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = √(P X R)
Or Maximum working voltage whichever is less
Where
V = Continuous rated DC or AA (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
F
FO
OO
OT
TP
PR
RIIN
NT
T A
AN
ND
D S
SO
OL
LD
DE
ER
RIIN
NG
G P
PR
RO
OF
FIIL
LE
ES
S
Recommended footprint and soldering profiles. Please refer to data sheet “Chip resistors mounting”.
R
RE
ES
SIIS
ST
TA
AN
NC
CE
E
R
RA
AN
NG
GE
E
TEMPERATURE COEFFICIENT OF RESISTANCE
PT040
2
100 M
Ω TO 910 MΩ
100 mΩ to 910 mΩ
± 200 ppm/°C
PT060
3
± 200 ppm/°C
PT080
5
± 200 ppm/°C
PT120
6
100 mΩ
> 100 mΩ
PT201
0
± 100 ppm/°C
± 75 ppm/°C
PT251
2
± 100 ppm/°C
± 75 ppm/°C
PACKING STYLE
REEL
DIMENSION
AA0201 AA0402 AA0603 AA0805 AA1206 AA1210 AA1218 AA2010 AA2512
Paper/PE taping reel
(R)
7" (178 mm)
10,000
10,000
5,000
5,000
5,000
5,000
---
---
---
13" (330 mm)
50,000
50,000
20,000
20,000
20,000
20,000
---
---
---
Embossed
taping
reel (K)
7" (178 mm)
---
---
---
---
---
---
4,000
4,000
4,000
NOTE
1. For paper/PE/embossed tape and reel specifications/dimensions, please refer to data sheet “Chip resistors packing”.
P
PA
AC
CK
KIIN
NG
G S
ST
TY
YL
LE
E A
AN
ND
D P
PA
AC
CK
KA
AG
GIIN
NG
G Q
QU
UA
AN
NT
TIIT
TY
Y
Table 3 Packing style and packaging quantity
Fig. 10 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)


Similar Part No. - AA1210DR-07976RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA1210DR-07976R YAGEO-AA1210DR-07976R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA1210DR-07976RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA0201DR-071R YAGEO-AA0201DR-071R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com