Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61060DRB Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61060DRB
Description  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61060DRB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61060DRB Datasheet HTML 5Page - Texas Instruments TPS61060DRB Datasheet HTML 6Page - Texas Instruments TPS61060DRB Datasheet HTML 7Page - Texas Instruments TPS61060DRB Datasheet HTML 8Page - Texas Instruments TPS61060DRB Datasheet HTML 9Page - Texas Instruments TPS61060DRB Datasheet HTML 10Page - Texas Instruments TPS61060DRB Datasheet HTML 11Page - Texas Instruments TPS61060DRB Datasheet HTML 12Page - Texas Instruments TPS61060DRB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
500 ns/div
SW
10 V/div
Input Voltage
20 mV/div
DETAILED DESCRIPTION
OPERATION
START-UP
SHORT-CIRCUIT PROTECTION
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
INPUT VOLTAGE RIPPLE
Figure 14.
The TPS61060/61/62 family is a constant-frequency, PWM current-mode converter with integrated N-channel
MOSFET switch and synchronous P-channel MOSFET rectifier. The device operates in pulse width modulation
(PWM) with a fixed switching frequency of 1 MHz. Operation is understood best by referring to the block
diagram. The duty cycle of the converter is set by the error amplifier and the sawtooth ramp applied to the
comparator. Because the control architecture is based on a current-mode control, a compensation ramp is added
to allow stable operation for duty cycles larger than 50%. The converter is a fully integrated synchronous boost
converter operating always in continuous conduction mode. This allows low noise operation and avoids ringing
on the switch pin as it would be seen on a converter when entering discontinuous conduction mode.
To avoid high inrush current during start-up, special care is taken to control the inrush current. When the device
is first enabled, the output capacitor is charged with a constant precharge current of typically 100 mA until the
output voltage is typically 0.3 V below Vin. The the device starts with a reduced analog controlled current limit for
typically 40 µs. After this time period, the device enters its normal regulation with full current limit. The start-up
current waveform is shown in Figure 11. The fixed precharge current during start-up allows the device to start up
without problems when driving LEDs because the LED only starts to conduct current when the forward voltage is
reached. If, for any reason a resistive load is driven, the maximum start-up load current needs to be smaller, or
equal to, the precharge current.
The TPS6106x family has an advanced short-circuit protection in case the output of the device is shorted to
ground. Because the device is configured as a current source even when the LEDs are shorted, the maximum
current is controlled by the sense resistor Rs. As an additional safety feature, the TPS6106x series also protects
the device and inductor when the output is shorted to ground. When the output is shorted to ground, the device
enters precharge mode and limits the maximum current to typically 100 mA.
9


Similar Part No. - TPS61060DRB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61060DRB

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com