Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBR2100Y Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR2100Y
Description  SCHOTTKY BARRIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR2100Y Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR2100Y Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR2100Y Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本
(Rev.):201509A
1/8
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR2100
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
HBR2100Y
HBR2100
DO-41
NO
编带
Tape
0.28g(approx.)
HBR2100YQ
HBR2100
DO-41
YES
编带
Tape
0.28g(approx.)
HBR2100Q
HBR2100
DO-15
NO
编带
Tape
0.33g(approx.)
HBR2100QR
HBR2100
DO-15
YES
编带
Tape
0.33g(approx.)
HBR2100X
HBR2100
SMA
NO
编带
Tape
0.071g(approx.)
HBR2100XR
HBR2100
SMA
YES
编带
Tape
0.071g(approx.)
HBR2100XF
HBR2100
SMAF
NO
编带
Tape
0.071g(approx.)
HBR2100XFR
HBR2100
SMAF
YES
编带
Tape
0.071g(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
2A
VRRM
100 V
Tj
175 ℃
VF(max)
0.72V (@Tj=125℃)
封装 Package
DO-41
DO-15
SMA
SMAF
用途
低压、高频整流
低压续流电路和保护电
APPLICATIONS
Low voltage, high
frequency rectifier
Free wheeling diodes,
polarity protection
applications
产品特性
轴向、贴片结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(
RoHS)产品
FEATURES
Axial Lead & SMD Rectifier
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - HBR2100Y

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR2150 JSMC-HBR2150 Datasheet
409Kb / 7P
   Low voltage, high frequency rectifier
HBR2150Q JSMC-HBR2150Q Datasheet
409Kb / 7P
   Low voltage, high frequency rectifier
HBR2150QR JSMC-HBR2150QR Datasheet
409Kb / 7P
   Low voltage, high frequency rectifier
HBR2150X JSMC-HBR2150X Datasheet
409Kb / 7P
   Low voltage, high frequency rectifier
HBR2150XR JSMC-HBR2150XR Datasheet
409Kb / 7P
   Low voltage, high frequency rectifier
More results

Similar Description - HBR2100Y

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com