Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBR10100SLS Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR10100SLS
Description  SCHOTTKY BARRIER DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR10100SLS Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR10100SLS Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR10100SLS Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R
版本(Rev.):201607A
1/10
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR10100SL
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
HBR10100SLZ
HBR10100SL
TO-220
NO
条管 Tube
1.98 g(typ)
HBR10100SLZR
HBR10100SL
TO-220
YES
条管 Tube
1.98 g(typ)
HBR10100SLHF
HBR10100SL
TO-220HF
NO
条管 Tube
1.70 g(typ)
HBR10100SLHFR
HBR10100SL
TO-220HF
YES
条管 Tube
1.70 g(typ)
HBR10100SLS
HBR10100SL
TO-263
NO
条管 Tube
1.40 g(typ)
HBR10100SLSR
HBR10100SL
TO-263
YES
条管 Tube
1.40 g(typ)
HBR10100SLS
HBR10100SL
TO-263
NO
编带 Reel
1.40 g(typ)
HBR10100SLSR
HBR10100SL
TO-263
YES
编带 Reel
1.40 g(typ)
HBR10100SLB
HBR10100SL
TO-262
NO
条管 Tube
1.70 g(typ)
HBR10100SLBR
HBR10100SL
TO-262
YES
条管 Tube
1.70 g(typ)
HBR10100SLVM
HBR10100SL
IPAKM
NO
条管 Tube
0.38 g(typ)
HBR10100SLVMR
HBR10100SL
IPAKM
YES
条管 Tube
0.38 g(typ)
HBR10100SLRM
HBR10100SL
DPAKM
NO
编带 Reel
0.33 g(typ)
HBR10100SLRMR
HBR10100SL
DPAKM
YES
编带 Reel
0.33 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10(2×5)A
VRRM
100 V
Tj
175 ℃
VF(max)
0.69V (@Tj=125℃)
封装 Package
用途
 高频开关电源
 低压续流电路和保护电
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,
高可靠性
环保(RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OHF
订货信息 ORDER MESSAGE
TO-263
TO-262
DPAKM
IPAKM


Similar Part No. - HBR10100SLS

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR10100S JSMC-HBR10100S Datasheet
665Kb / 10P
   High frequency switch power supply
HBR10100SB JSMC-HBR10100SB Datasheet
665Kb / 10P
   High frequency switch power supply
HBR10100SBR JSMC-HBR10100SBR Datasheet
665Kb / 10P
   High frequency switch power supply
HBR10100SHF JSMC-HBR10100SHF Datasheet
665Kb / 10P
   High frequency switch power supply
HBR10100SHFR JSMC-HBR10100SHFR Datasheet
665Kb / 10P
   High frequency switch power supply
More results

Similar Description - HBR10100SLS

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com